Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8190 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8190 Datasheet HTML 1Page - STMicroelectronics TDA8190 Datasheet HTML 2Page - STMicroelectronics TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS = 24V, S1 : on,
∆f= ± 25kHz, VI = 1mV, P1 = 12kΩ,fo = 4.5MHz, fm = 400Hz,
Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
Vs
Supply Voltage (pin 18)
P2 = 12k
Ω
10.8
27
V
Vo
Quiescent Output Voltage (pin 17)
11
12
13
V1
Pin 1 DC Voltage
P2 = 12k
Ω, R1 = 270kΩ
5.3
V
V4
Pin 4 DC Voltage
P2 = 12k
Ω
3.2
V
Id
Quiescent Drain Current
32
mA
IF AMPLIFIER AND DETECTOR
Vi (threshold)
Input Limiting Voltage at Pin 2 (–3dB)
Vo =4 Vrms
50
100
µV
V9
Recovered Audio Voltage (pin 9)
∆f= ± 7.5kHz, P2 = 12kΩ
140
200
280
mV
AMR
Amplitude Modulation Rejection (*)
m = 0.3, Vi = 1mV, Vo =4VRMS
60
dB
Ri
Input Resistance (pin 2)
∆f = 0, P2 = 12kΩ
30
k
Ω
Ci
Input Capacitance (pin 2)
6
pF
R9
Deemphasis Resistance
C1 = 68 to 888nF
0.75
1.1
1.5
k
Ω
DC VOLUME CONTROL
Kv
Volume Attenuation
(resistance control)
P2 =0
Ω
P2 = 4.3k
Ω
P2 = 12k
Ω
20
0
26
88
32
dB
dB
dB
Vc
Control Voltage
K = 0dB
K = 26dB
K = 88dB
0
1.3
2.6
V
V
V
∆KV
∆Tpins
Volume Attenuation Thermal Drift
(resistance control)
Tpins =25 to 85
°C, P2 = 4.3kΩ
– 0.05
dB/
oC
DC TONE CONTROL
KT
Tone Cut
S1 : Off, V10 = 200 mV
P1 = 12k
Ω to 100Ω,fAF = 10kHz
14
dB
AUDIO FREQUENCY AMPLIFIER
Po
Output Power (d = 10 %)
Vs = 24V,RL =16
Ω
Vs = 12V,RL =8
Ω
3.5
4.1
1.5
W
W
B
Frequency Response of Audio Amplifier
(– 3dB)
Po = 1W, RL =16
Ω, S1 : Off,
V10 = 200mV, Vo =4VRMS,
@400 Hz
15
50
kHz
SVR
Supply Voltage Rejection
P2 = 12k
Ω, ∆f = 0, fripple = 120Hz
26
dB
V. C. R.
d
Total Harmonic Distortion of Pin 9
Output Signal
∆f= ± 7.5kHz, Vi = 1mV
0.5
%
SVR
Supply Voltage Rejection at Output Pin 9
∆f = 0, fripple = 120Hz, P2 = 12kΩ
66
dB
S
+ N
N
Signal to Noise Ratio at Output Pin 9
∆f = 25 kHz, Vi ≥ 1mV
70
dB
V10
Input Voltage (playback)
Vo =4 Vrms,P2 = 0, S1 : Off
50
70
100
mV
R10
Input Resistance (playback)
S1 : Off
10
k
Ω
Total Harmonic Distortion for 20dB
Overload of V10
S1 : Off, V10 =1Vrms,Vo =4Vrms
0.5
3
%
TDA8190
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com