Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8190 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8190 Datasheet HTML 1Page - STMicroelectronics TDA8190 Datasheet HTML 2Page - STMicroelectronics TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to the test circuit, VS = 24V, S1 : on,
∆f= ± 25kHz, VI = 1mV, P1 = 12kΩ,fo = 4.5MHz,
fm = 400Hz, Tamb =25
°C, unless otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OVERALL CIRCUIT
S
+ N
N
Signal to Noise Ratio (*)
Vi
≥ 1mV, Vo =4Vrms, ∆f= 0
70
dB
d
Distortion (*)
Po = 50mW,
∆f= ± 7.5Hz
Vs = 24V
RL =16
Ω
Vs = 12V
RL =8
Ω
0.5
0.5
%
%
M
Muting (*)
Vo =4Vrms@no V1 ;V1 = 0
100
dB
∆f
Deviation Sensitivity
P2 =0, Vo =4Vrms
3
6
kHz
* Test Bandwidth = 20kHz.
4
120pF
L1
8.2pF
0.1
µF
C1
68nF
1
µF
S1
VCR OUT
1
µF
OFF
VCR IN
(V10)
10nF
2.2k
Ω
fo
P1
22k
Ω
Tone
Volume
12k
Ω
P2
22k
Ω
VC
2.2
µF
2.2
µF
270
Ω
15k
Ω
2.2
Ω
470
µF
220nF
R1
270k
Ω
4.7
µF
0.1
µF
51
Ω
0.1
µF
470
µF
VS
0.1
µF
Vi
IF
input
7
8
9
1011
121314
20
19
17
16
15
6
5
1
18
2
3
2.2k
Ω
RL
TDA 8190
Vo
ON
TEST CIRCUIT
TDA8190
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com