Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8190 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics TDA8190 Datasheet HTML 10Page - STMicroelectronics TDA8190 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Components
Units
Appl. 4.5 MHz
Appl. 5.5 MHz
Appl. 6 MHz
L1
µH10
Qo =60
12
Qo =80
10
Qo =70
C5
pF
120
68
68
C4
pF
9
8.2
6.8
C8
nF
68
47
47
C. F
Murata SFE 4.5 MA
Murata SFE 5.5 MB
Murata SFE 6.0 MB
C1
pF
22
18
18
R2
1000
560
470
R3
1000
560
470
4
C5
L1
C4
0.1
µF
1
µF1µF
10nF
R4
2.2k
P1
22k
Tone
Volume
R6
12k
P2
22k
VC
1
µF
2.2
µF
R8
270W
15k
R7
2.2
C15
470
µF
220nF
R1
270k
C12
4.7
µF
0.1
µF
R2
0.1
µF
470
µF
VS
C1
IF
input
7
8
9
10
111213
14
20
19
17
16
15
6
5
1
18
2
3
2.2k
TDA 8190
Vo
C16
C11
C2
CF
R3
C3
R9
C10
C14
R5
C9
C6
C8
C7
S1
a
VCR IN
R10
18k
R12
8.2K
R11
10K
VCR OUT
C13
b
AUX
VCR OUT
RL
Figure 16 : Application Circuit
TDA8190
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com