Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9115 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 10Page - STMicroelectronics TDA9115 Datasheet HTML 11Page - STMicroelectronics TDA9115 Datasheet HTML 12Page - STMicroelectronics TDA9115 Datasheet HTML 13Page - STMicroelectronics TDA9115 Datasheet HTML 14Page - STMicroelectronics TDA9115 Datasheet HTML 15Page - STMicroelectronics TDA9115 Datasheet HTML 16Page - STMicroelectronics TDA9115 Datasheet HTML 17Page - STMicroelectronics TDA9115 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TDA9115
14/45
6.7 DYNAMIC CORRECTION OUTPUTS SECTION
VCC = 12V, Tamb =25°C
Note 31: Ratio ”A/B”of vertical parabola component voltage at tVR=0 versus vertical parabola component voltage at
tVR=TVR.
Symbol
Parameter
Test Conditi ons
Value
Units
Min.
Typ.
Max.
Vertical Dynamic Correction output VDyCor
IVDyCor
Current sunk from VDyCor output
-1.5
-0.1
mA
VVD-DC
DC component of the drive signal
on VDyCor output
RL(VDyCor)=10kΩ
4V
IV
VD-VI
Amplitude of V-parabola on VDy-
Cor output (21)
VSIZE
at medium
VDC-AMP (Sad15h):
xxxxxx00
xxxxxx01
xxxxxx10
xxxxxx11
VDC-AMP at maximum
VSIZE (Sad07):
x0000000b
x1111111b
0.25
0.50
0.75
1.00
0.6
1.6
V
V
V
V
V
V
Tracking of V-parabola on VDyCor
output with vertical position (31)
VDC-AMP at maximum
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
V
VD
V
t
vr
0
=
[]
V
VD
V
t
vr
T
VR
=
[]
--------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com