Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9115 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 26Page - STMicroelectronics TDA9115 Datasheet HTML 27Page - STMicroelectronics TDA9115 Datasheet HTML 28Page - STMicroelectronics TDA9115 Datasheet HTML 29Page - STMicroelectronics TDA9115 Datasheet HTML 30Page - STMicroelectronics TDA9115 Datasheet HTML 31Page - STMicroelectronics TDA9115 Datasheet HTML 32Page - STMicroelectronics TDA9115 Datasheet HTML 33Page - STMicroelectronics TDA9115 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TDA9115
30/45
put vertical deflection drive waveform, they all
track with real vertical amplitude and position (in-
cluding breathing compensation), thus being fixed
vertically on the screen. They are also affected by
C- and S-corrections. The sum of components oth-
er than DC is affected by value in
HSIZE I2Cbus
control in reversed sense. Refer to electrical spec-
ifications for value. The DC value, adjusted via
HSIZE control, is also affected by voltage on HEH-
TIn input, thus providing a horizontal breathing
compensation (see electrical specifications for val-
ue). The resulting waveform is conditionally multi-
plied with voltage on HPLL1F, which depends on
frequency. Refer to electrical specifications for val-
ue and more precision. This tracking with frequen-
cy provides a rough compensation of variation of
picture geometry with frequency and allows to fix
the adjustment ranges of I2C bus controls through-
out the operating range of horizontal frequencies.
It can be switched off by EWTrHFr I2C bus bit (off
by default).
The EW waveform signal is buffered by an NPN
emitter follower, the emitter of which is directly
routed to EWOut output, with no internal resistor to
ground. It is to be biased externally.
Figure 12. Geometric corrections’ schematic diagram
Vertical ramp
Vmid(VOut)
2
To horizontal
dyn. phase control
EWOut
KEYST
PCC
VDC-AMP
VDyCor
Tracking
with Hor
Frequency
Tracking
HEHTIn/HSize
HEHTIn
HSize
17
32
24
23
Controls:
one-quadrant
two-quadrant
(I2C)
(I2C)
(I2C)
PCAC (I2C)
VOut
PARAL (I
2C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com