Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9115 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 21Page - STMicroelectronics TDA9115 Datasheet HTML 22Page - STMicroelectronics TDA9115 Datasheet HTML 23Page - STMicroelectronics TDA9115 Datasheet HTML 24Page - STMicroelectronics TDA9115 Datasheet HTML 25Page - STMicroelectronics TDA9115 Datasheet HTML 26Page - STMicroelectronics TDA9115 Datasheet HTML 27Page - STMicroelectronics TDA9115 Datasheet HTML 28Page - STMicroelectronics TDA9115 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TDA9115
25/45
Figure 4. H-PLL1 filter configuration
The PLL1 is internally inhibited during extracted
vertical sync. pulse (if any) to avoid taking into ac-
count missing or wrong pulses on the phase com-
parator. Inhibition is obtained by forcing the charge
pump output to high impedance state. The inhibi-
tion
mechanism
can
be
disabled
through
PLL1Pump I2C bus bit.
The Figure 7, in its upper part, shows the position
of the VCO ramp signal in relation to input sync.
pulse for three different positions of adjustment of
horizontal position control
HPOS.
Figure 5. Horizontal PLL1 block diagram
Figure 6. Horizontal oscillator (VCO) schematic diagram
HPLL1F
9
R2
C1
C2
4
Lock
Status
PLL
INHIBITION
HPosF
SHAPER
Low
High
LOCK
COMP
CHARGE
PUMP
HPLL1F R0
C0
86
VCO
HOSC
(I2C)
HPOS
INPUT
INTERFACE
H/HVSyn
Sync
9
10
PLL1Pump
V-sync (extracted)
PLL1InhEn
(I2C)
HOscF
DETECTOR
1
Polarity
V-sync
Extracted
REF1
(pin & I2C)
(I2C)
PLL1
RS
Flip-Flop
CO
VHOThrHi
4I0
I0
2
HPLL1F
I0
RO
9
+
-
(PLL1 filter)
6
HOscF
+
-
+
-
4
VHOThrLo
VHOThrLo
VHOThrHi
8
from charge pump
VHO
VCO discharge
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com