Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1386CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1386CS
Description  3.3V Low Power EIA/TIA562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1386CS Datasheet(HTML) 8 Page - Linear Technology

  LTC1386CS Datasheet HTML 1Page - Linear Technology LTC1386CS Datasheet HTML 2Page - Linear Technology LTC1386CS Datasheet HTML 3Page - Linear Technology LTC1386CS Datasheet HTML 4Page - Linear Technology LTC1386CS Datasheet HTML 5Page - Linear Technology LTC1386CS Datasheet HTML 6Page - Linear Technology LTC1386CS Datasheet HTML 7Page - Linear Technology LTC1386CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1386
1386fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 ● FAX: (408) 434-0507 ● linear.com
 LINEAR TECHNOLOGY CORPORATION 1994
LW/TP 1002 1K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1780/LT1781
5V, 2 Driver, 2 Receiver RS232 Transeivers
±15kV ESD per IEC 1000-4
LTC1327
3.3V, 3 Driver, 5 Receiver RS562 Transceiver
300µA Supply Current, 0.2µA in Shutdown
LTC1348
3.3V to 5V, 3 Driver, 5 Receiver RS232 Transceiver
True RS232 on 3.3V, 5 Receivers Active in Shutdown
LTC1382
5V, 2 Driver, 2 Receiver RS232 Transceiver
220µA Supply Current, 0.2µA in Shutdown
LTC1383
5V, 2 Driver, 2 Receiver RS232 Transceiver
220µA Supply Current, Narrow 16-pin SO
LTC1384
5V, 2 Driver, 2 Receiver RS232 Transceiver
220µA Supply Current, 2 Receivers Active in Shutdown
LTC1385
3.3V, 2 Driver, 2 Receiver RS562 Transceiver
220µA Supply Current, 2 Receivers Active in Shutdown



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com