Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1386CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1386CS
Description  3.3V Low Power EIA/TIA562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1386CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1386CS Datasheet HTML 1Page - Linear Technology LTC1386CS Datasheet HTML 2Page - Linear Technology LTC1386CS Datasheet HTML 3Page - Linear Technology LTC1386CS Datasheet HTML 4Page - Linear Technology LTC1386CS Datasheet HTML 5Page - Linear Technology LTC1386CS Datasheet HTML 6Page - Linear Technology LTC1386CS Datasheet HTML 7Page - Linear Technology LTC1386CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1386
1386fa
TYPICAL PERFOR A CE CHARACTERISTICS
DATA RATE (kBAUD)
0
60
LTC1386 • TPC03
10
5
20
40
80
0
20
15
100
120
140
VCC = 3.3V
RL = 3k
CL = 2500pF
ALL DRIVERS ACTIVE
Supply Current vs Data Rate
TEMPERATURE (˚C)
0
1.8
2.0
2.2
30
VTH
+
VTH
–
50
LTC1386 • TPC02
1.6
1.4
10
20
40
60
70
1.2
1.0
Receiver Input Thresholds
vs Temperature
Receiver Output Waveforms
Driver Output Waveforms
DRIVER
OUTPUT
RL = 3k
CL = 1000pF
DRIVER
OUTPUT
RL = 3k
INPUT
RECEIVER
OUTPUT
CL = 51pF
INPUT
LTC1386 • TPC05
LTC1386 • TPC06
TEMPERATURE (°C)
0
0
0.5
1.5
2.0
2.5
40
4.5
LTC1386 • TPC04
1.0
20
10
50
60
30
70
3.0
3.5
4.0
2 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
VCC Supply Current
vs Temperature
TEMPERATURE (°C)
0
–5
–4
–2
–1
0
5
2
20
40
50
LTC1386 • TPC01
–3
3
4
1
10
30
60
70
OUTPUT HIGH
VCC = 3.3V
OUTPUT LOW
VCC = 3.3V
ALL DRIVERS WITH LOAD
RL = 3k
Driver Output Voltage
vs Temperature
The ● denotes specifications which apply over the full operating temperature range.
VCC = 3.3V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver outputs
unloaded.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/µs
RL = 3k, CL = 1000pF
3
5
V/µs
Driver Propagation Delay
tHLD (Figure 1)
●
2
3.5
µs
(TTL to EIA/TIA562)
tLHD (Figure 1)
●
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
●
0.3
0.8
µs
(EIA/TIA562 to TTL )
tLHR (Figure 2)
●
0.3
0.8
µs
Note 3: Measurements made in the shutdown mode are performed
with VON/OFF=OV.
5µs/DIV
5µs/DIV
AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com