Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1386CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1386CS
Description  3.3V Low Power EIA/TIA562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1386CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1386CS Datasheet HTML 1Page - Linear Technology LTC1386CS Datasheet HTML 2Page - Linear Technology LTC1386CS Datasheet HTML 3Page - Linear Technology LTC1386CS Datasheet HTML 4Page - Linear Technology LTC1386CS Datasheet HTML 5Page - Linear Technology LTC1386CS Datasheet HTML 6Page - Linear Technology LTC1386CS Datasheet HTML 7Page - Linear Technology LTC1386CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1386
1386fa
VCC: 3.3V Input Supply Pin. This pin should be decoupled
with a 0.1µF ceramic capacitor.
GND: Ground Pin.
V+: Positive Supply Output (EIA/TIA562 Drivers). V+
2VCC – 1V. This pin requires an external capacitor C =
0.1µF for charge storage. The capacitor may be tied to
ground or VCC. With multiple devices, the V + and V pins
may share a common capacitor. For large numbers of
devices, increasing the size of the shared common storage
capacitors is recommended to reduce ripple.
V: Negative Supply Output (RS232 Drivers). V ≅ – (2VCC
– 1.3V). This pin requires an external capacitor C = 0.1µF
for charge storage.
C1+, C1, C2+, C2: Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1µF: one from
C1+ to C1and another from C2+ to C2 . To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 2Ω.
TR IN: EIA/TIA562 Driver Input Pins. Inputs are TTL/
CMOS compatible. The inputs of unused drivers can be left
unconnected since 300k input pull-up resistors to VCC are
included on chip.
TR OUT: Driver Outputs at EIA/TIA562 Voltage Levels.
The driver outputs are protected against ESD to ±10kV for
human body model discharges.
RX IN: Receiver Inputs. These pins can be forced to ±25V
without damage. The receiver inputs are protected against
ESD to ±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage
Levels.
Figure 1. Driver Propagation Delay Timing
Figure 2. Receiver Propagation Delay Timing
SWITCHI G TI E WAVEFOR S
1.4V
0V
VCC
0V
V+
V
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
tHLD
tLHD
LTC1386 • F01
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
tHLR
1.7V
tLHR
LTC1386 • F02
VCC
0V
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com