Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1386CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1386CS
Description  3.3V Low Power EIA/TIA562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1386CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1386CS Datasheet HTML 1Page - Linear Technology LTC1386CS Datasheet HTML 2Page - Linear Technology LTC1386CS Datasheet HTML 3Page - Linear Technology LTC1386CS Datasheet HTML 4Page - Linear Technology LTC1386CS Datasheet HTML 5Page - Linear Technology LTC1386CS Datasheet HTML 6Page - Linear Technology LTC1386CS Datasheet HTML 7Page - Linear Technology LTC1386CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1386
1386fa
3.3V Low Power
EIA/TIA562 Transceiver
Operates from a Single 3.3V Supply
Low Supply Current: ICC = 200µA
ESD Protection Over ±10kV
Available in 16-Pin SOIC Narrow Package
Uses Small Capacitors: 0.1µF
Operates to 120kBaud
Output Overvoltage Does Not Force Current
Back into Supplies
EIA/TIA562 I/O Lines Can Be Forced to ±25V
Without Damage
Pin Compatible with LT1181A
The LTC
®1386 is an ultra-low power 2-driver/2-re-
ceiver EIA/TIA562 transceiver that operates from a
single 3.3V supply. The charge pump requires only four
space-saving 0.1µF capacitors. The supply current
(ICC) of the transceiver is only 200µA with driver out-
puts unloaded.
The LTC1386 is fully compliant with all data rate and
overvoltage EIA/TIA562 specifications. The transceiver
can operate up to 120kbaud with a 1000pF, 3kΩ load.
Both driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
Notebook Computers
Palmtop Computers
Quiescent Supply Current vs Temperature
TEMPERATURE (°C)
–20
0
100
200
300
400
600
0
20
40
60
LTC1386 • TA02
80
500
TEST CONDITION: VCC = 3.3V
QUIESCENT
CURRENT
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1386 • TA01
LTC1386
1
3
0.1µF
16
VCC = 3.3V
2
0.1µF
6
0.1µF
0.1µF
4
5
562 OUTPUT
14
7
562 OUTPUT
13
562 INPUT
5k
8
562 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC


Similar Part No. - LTC1386CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1386CS LINER-LTC1386CS Datasheet
210Kb / 8P
3.3V Low Power EIA/TIA562 Transceiver
More results

Similar Description - LTC1386CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1386 LINER-LTC1386 Datasheet
210Kb / 8P
3.3V Low Power EIA/TIA562 Transceiver
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1386 LINER-LTC1386_15 Datasheet
115Kb / 8P
3.3V Low Power EIA/TIA562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com