Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4608 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 4Page - Linear Technology LTM4608 Datasheet HTML 5Page - Linear Technology LTM4608 Datasheet HTML 6Page - Linear Technology LTM4608 Datasheet HTML 7Page - Linear Technology LTM4608 Datasheet HTML 8Page - Linear Technology LTM4608 Datasheet HTML 9Page - Linear Technology LTM4608 Datasheet HTML 10Page - Linear Technology LTM4608 Datasheet HTML 11Page - Linear Technology LTM4608 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4608
8
4608f
PGOOD (C7): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point.
Disabled during margining.
RUN (F1): Run Control Pin. A voltage above 1.5V will turn
on the module.
SW (C3-C5): Switching Node of the Circuit is Used for
Testing Purposes. This can be connected to copper on
the board for improved thermal performance.
CLKOUT (F2): Output Clock Signal for PolyPhase Opera-
tion. The phase of CLKOUT is determined by the state of
the PHMODE pin.
PIN FUNCTIONS
GND
GND
GND
SW
A
1
2
3
4
5
6
7
8
9
10
11
BC
D
LGA PACKAGE
68-PIN (15mm × 9mm × 2.8mm)
EF
G
CNTRL
CNTRL
VOUT
VIN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com