Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4608 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 5Page - Linear Technology LTM4608 Datasheet HTML 6Page - Linear Technology LTM4608 Datasheet HTML 7Page - Linear Technology LTM4608 Datasheet HTML 8Page - Linear Technology LTM4608 Datasheet HTML 9Page - Linear Technology LTM4608 Datasheet HTML 10Page - Linear Technology LTM4608 Datasheet HTML 11Page - Linear Technology LTM4608 Datasheet HTML 12Page - Linear Technology LTM4608 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4608
9
4608f
SIMPLIFIED BLOCK DIAGRAM
INTERNAL
FILTER
POWER
CONTROL
INTERNAL
COMP
INTERNAL
FILTER
SVIN
TRACK
MGN
BSEL
PGOOD
MODE
RUN
CLKIN
CLKOUT
PHMODE
PLLLPF
SGND
ITH
ITHM
M1
22μF
COUT
10μF
10μF
10μF
CIN
VIN
2.375 TO 5.5V
VOUT
1.5V
8A
VOUT
VIN
SW
GND
FB
22pF
10k
RFB
6.65k
4608 BD
L
M2
+
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 8A
10
μF
COUT
External Output Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 8A
100
μF
Table 1. Decoupling Requirements. TA = 25°C, Block Diagram Configuration.
Figure 1. Simplified LTM4608 Block Diagram
OPERATION
The LTM4608 is a standalone nonisolated switch mode
DC/DC power supply. It can deliver up to 8A of DC output
current with few external input and output capacitors.
This module provides precisely regulated output voltage
programmable via one external resistor from 0.6V DC to
5.0V DC over a 2.375V to 5.5V input voltage. The typical
application schematic is shown in Figure 18.
The LTM4608 has an integrated constant frequency current
mode regulator and built-in power MOSFET devices with
fast switching speed. The typical switching frequency is
1.5MHz. For switching noise sensitive applications, it can
be externally synchronized from 0.75MHz to 2.25MHz.
Even spread spectrum switching can be implemented in
the design to reduce noise.
With current mode control and internal feedback loop
compensation, the LTM4608 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com