Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4608 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 3 Page - Linear Technology

  LTM4608 Datasheet HTML 1Page - Linear Technology LTM4608 Datasheet HTML 2Page - Linear Technology LTM4608 Datasheet HTML 3Page - Linear Technology LTM4608 Datasheet HTML 4Page - Linear Technology LTM4608 Datasheet HTML 5Page - Linear Technology LTM4608 Datasheet HTML 6Page - Linear Technology LTM4608 Datasheet HTML 7Page - Linear Technology LTM4608 Datasheet HTML 8Page - Linear Technology LTM4608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4608
3
4608f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 18.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN)
Input Supply Bias Current
VIN = 3.3V, VOUT = 1.5V, No Switching, Mode = VIN
VIN = 3.3V, VOUT = 1.5V, No Switching, Mode = 0V
VIN = 3.3V, VOUT = 1.5V, Switching Continuous
400
1.15
55
μA
mA
mA
VIN = 5V, VOUT = 1.5V, No Switching, Mode = VIN
VIN = 5V, VOUT = 1.5V, No Switching, Mode = 0V
VIN = 5V, VOUT = 1.5V, Switching Continuous
450
1.3
75
μA
mA
mA
Shutdown, RUN = 0, VIN = 5V
1
μA
IS(VIN)
Input Supply Current
VIN = 2.375V, VOUT = 1.5V, IOUT = 5A
VIN = 3.3V, VOUT = 1.5V, IOUT = 8A
VIN = 5V, VOUT = 1.5V, IOUT = 8A
3.75
4.5
2.93
A
A
A
Output Specifications
IOUT(DC)
Output Continuous Current Range
(See Output Current Derating
Curves for Different VIN, VOUT
and TA)
VOUT = 1.5V
VIN = 3.3V, 5.5V
VIN = 2.375V
0
0
8
5
A
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 5.5V, IOUT = 0A
0.1
0.2
%/V
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V
VIN = 3.3V, 5.5V, ILOAD = 0A to 8A
VIN = 2.375V, ILOAD = 0A to 5A
0.3
0.3
0.75
0.75
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF/X5R/Ceramic, VIN = 5V,
VOUT = 1.5V
10
mVP-P
fS
Switching Frequency
IOUT = 8A, VIN = 5V, VOUT = 1.5V
1.3
1.5
1.7
MHz
fSYNC
SYNC Capture Range
0.75
2.25
MHz
ΔVOUT(START)
Turn-On Overshoot
COUT = 100μF, VOUT = 1.5V, IOUT = 0A
VIN = 3.3V
VIN = 5V
10
10
mV
mV
tSTART
Turn-On Time
COUT = 100μF, VOUT = 1.5V, IOUT = 1A,
Resistive Load, Track = VIN, VIN = 5V
100
μs
ΔVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100μF Ceramic, 100μF POSCAP,
VIN = 5V, VOUT = 1.5V
15
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load, VIN = 5V,
VOUT = 1.5V, COUT = 100μF
10
μs
IOUT(PK)
Output Current Limit
COUT = 100μF
VIN = 2.375V, VOUT = 1.5V
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
8
11
13
A
A
A
Control Section
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V, VIN = 2.375V to 5.5V
0.592
0.589
0.596
0.596
0.600
0.603
V
V
SS Delay
Internal Soft-Start Delay
90
μs
IFB
0.2
μA
VRUN
RUN Pin On/Off Threshold
RUN Rising
RUN Falling
1.4
1.3
1.55
1.4
1.7
1.5
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com