Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4608 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 4 Page - Linear Technology

  LTM4608 Datasheet HTML 1Page - Linear Technology LTM4608 Datasheet HTML 2Page - Linear Technology LTM4608 Datasheet HTML 3Page - Linear Technology LTM4608 Datasheet HTML 4Page - Linear Technology LTM4608 Datasheet HTML 5Page - Linear Technology LTM4608 Datasheet HTML 6Page - Linear Technology LTM4608 Datasheet HTML 7Page - Linear Technology LTM4608 Datasheet HTML 8Page - Linear Technology LTM4608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4608
4
4608f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 18.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRACK
Tracking Threshold (Rising)
Tracking Threshold (Falling)
Tracking Disable Threshold
RUN = VIN
RUN = 0V
0.57
0.18
VIN – 0.5
V
V
V
RFBHI
Resistor Between VOUT and FB
Pins
9.95
10
10.05
ΔVPGOOD
PGOOD Range
±10
%
%Margining
Output Voltage Margining
Percentage
MGN = VIN, BSEL = 0V
MGN = VIN, BSEL = VIN
MGN = VIN, BSEL = Float
MGN = 0V, BSEL = 0V
MGN = 0V, BSEL = VIN
MGN = 0V, BSEL = Float
4
9
14
–4
–9
–14
5
10
15
–5
–10
–15
6
11
16
–6
–11
–16
%
%
%
%
%
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4608E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4608I is guaranteed and tested
over the –40°C to 85°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com