Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BQ3285ECSS Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ3285ECSS
Description  Real-Time Clock (RTC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ECSS Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ3285ECSS Datasheet HTML 4Page - Texas Instruments BQ3285ECSS Datasheet HTML 5Page - Texas Instruments BQ3285ECSS Datasheet HTML 6Page - Texas Instruments BQ3285ECSS Datasheet HTML 7Page - Texas Instruments BQ3285ECSS Datasheet HTML 8Page - Texas Instruments BQ3285ECSS Datasheet HTML 9Page - Texas Instruments BQ3285ECSS Datasheet HTML 10Page - Texas Instruments BQ3285ECSS Datasheet HTML 11Page - Texas Instruments BQ3285ECSS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Power-Down/Power-Up Cycle
The bq3285EC and bq3285LC power-up/power-down cy-
cles are different. The bq3285LC continuously monitors
VCC for out-of-tolerance. During a power failure, when
VCC falls below VPFD (2.53V typical), the bq3285LC write-
protects the clock and storage registers. The power source
is switched to BC when VCC is less than VPFD and BC is
greater than VPFD, or when VCC is less than VBC and VBC
is less than VPFD. RTC operation and storage data are
sustained by a valid backup energy source. When VCC is
above VPFD, the power source is VCC. Write-protection con-
tinues for tCSR time after VCC rises above VPFD.
The bq3285EC continuously monitors VCC for out-of-
tolerance. During a power failure, when VCC falls below
VPFD (4.17V typical), the bq3285EC write-protects the
clock and storage registers. When VCC is below VBC (3V
typical), the power source is switched to BC. RTC opera-
tion and storage data are sustained by a valid backup
energy source.
When VCC is above VBC, the power
source is VCC. Write-protection continues for tCSR time
after VCC rises above VPFD.
Control/Status Registers
The four control/status registers of the bq3285EC/LC
are accessible regardless of the status of the update cy-
cle (see Table 4).
Register A
Register A programs:
n
The frequency of the periodic event rate.
n
Oscillator operation.
n
Time-keeping
Register A provides:
n
Status of the update cycle.
RS0–RS3 - Frequency Select
These bits select the periodic interrupt rate, as shown in
Table 3.
OS0–OS2 - Oscillator Control
These three bits control the state of the oscillator and
divider stages. A pattern of 010 or 011 enables RTC op-
eration by turning on the oscillator and enabling the fre-
quency divider. This pattern must be set to turn the os-
cillator on for the bq3285LC and to ensure that the
bq3285EC/LC will keep time in battery-backup mode. A
pattern of 11X turns the oscillator on, but keeps the fre-
quency divider disabled. When 010 is written, the RTC
begins its first update after 500ms.
UIP - Update Cycle Status
This read-only bit is set prior to the update cycle. When
UIP equals 1, an RTC update cycle may be in progress.
UIP is cleared at the end of each update cycle. This bit
is also cleared when the update transfer inhibit (UTI)
bit in register B is 1.
8
bq3285EC/LC
Register A Bits
76543210
UIP
OS2
OS1
OS0
RS3
RS2
RS1
RS0
76543210
----
RS3
RS2
RS1
RS0
76543210
-
OS2
OS1
OS0
----
76543210
UIP
-------
July 1996
Reg.
Loc.
(Hex) Read Write
Bit Name and State on Reset
7 (MSB)
6
5
4
3
2
1
0 (LSB)
A
0A
Yes
Yes
1
UIP
na
OS2
na
OS1
na
OS0 na
RS3
na
RS2
na
RS1
na
RS0
na
B
0B
Yes
Yes
UTI
na
PIE
0
AIE
0
UIE
0
-
0
DF
na
HF
na
DSE na
C
0C
Yes
No
INTF
0
PF
0
AF
0
UF
0
-
0
-
na
-
0
-
0
D
0D
Yes
No
VRT
na
-0-0-
0
-
0-0-0
-
0
Notes:
na = not affected.
1.
Except bit 7.
Table 4. Control/Status Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com