Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB3200 Datasheet(PDF) 63 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 59Page - Texas Instruments TUSB3200 Datasheet HTML 60Page - Texas Instruments TUSB3200 Datasheet HTML 61Page - Texas Instruments TUSB3200 Datasheet HTML 62Page - Texas Instruments TUSB3200 Datasheet HTML 63Page - Texas Instruments TUSB3200 Datasheet HTML 64Page - Texas Instruments TUSB3200 Datasheet HTML 65Page - Texas Instruments TUSB3200 Datasheet HTML 66Page - Texas Instruments TUSB3200 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
A–15
A.5 Memory-Mapped Registers
The TUSB3200 device provides a set of control and status registers to be used by the MCU to control the overall
operation of the device. This section describes the memory-mapped registers.
Table A–3. Memory Mapped Registers Address Map
ADDRESS
MNEMONIC
NAME
FFFFh
USBFADR
USB function address register
FFFEh
USBSTA
USB status register
FFFDh
USBIMSK
USB interrupt mask register
FFFCh
USBCTL
USB control register
FFFBh
USBFNL
USB frame number register (low byte)
FFFAh
USBFNH
USB frame number register (high byte)
FFF9h
DMATSL3
DMA channel 3 time slot assignment register (low byte)
FFF8h
DMATSH3
DMA channel 3 time slot assignment register (high byte)
FFF7h
DMACTL3
DMA channel 3 control register
FFF6h
DMATSL2
DMA channel 2 time slot assignment register (low byte)
FFF5h
DMATSH2
DMA channel 2 time slot assignment register (high byte)
FFF4h
DMACTL2
DMA channel 2 control register
FFF3h
Reserved
Reserved for future use
FFF2h
Reserved
Reserved for future use
FFF1h
Reserved
Reserved for future use
FFF0h
DMATSL1
DMA channel 1 time slot assignment register (low byte)
FFEFh
DMATSH1
DMA channel 1 time slot assignment register (high byte)
FFEEh
DMACTL1
DMA channel 1 control register
FFEDh
Reserved
Reserved for future use
FFECh
Reserved
Reserved for future use
FFEBh
Reserved
Reserved for future use
FFEAh
DMATSL0
DMA channel 0 time slot assignment register (low byte)
FFE9h
DMATSH0
DMA Channel 0 time slot assignment register (high byte)
FFE8h
DMACTL0
DMA channel 0 control register
FFE7h
ACGFRQ0
Adaptive clock generator frequency register (byte 0)
FFE6h
ACGFRQ1
Adaptive clock generator frequency register (byte 1)
FFE5h
ACGFRQ2
Adaptive clock generator frequency register (byte 2)
FFE4h
ACGCAPL
Adaptive clock generator mclk capture register (low byte)
FFE3h
ACGCAPH
Adaptive clock generator mclk capture register (high byte)
FFE2h
ACGDCTL
Adaptive clock generator divider control register
FFE1h
ACGCTL
Adaptive clock generator control register
FFE0h
CPTCNF1
CODEC port interface configuration register 1
FFDFh
CPTCNF2
CODEC port interface configuration register 2
FFDEh
CPTCNF3
CODEC port interface configuration register 3
FFDDh
CPTCNF4
CODEC port interface configuration register 4
FFDCh
CPTCTL
CODEC port interface control and status register
FFDBh
CPTADR
CODEC port interface address register
FFDAh
CPTDATL
CODEC port interface data register (low byte)
FFD9h
CPTDATH
CODEC port interface data register (high byte)
FFD8h
CPTVSLL
CODEC port interface valid slots register (low byte)
FFD7h
CPTVSLH
CODEC port interface valid slots register (high byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com