Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB3200 Datasheet(PDF) 83 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 79Page - Texas Instruments TUSB3200 Datasheet HTML 80Page - Texas Instruments TUSB3200 Datasheet HTML 81Page - Texas Instruments TUSB3200 Datasheet HTML 82Page - Texas Instruments TUSB3200 Datasheet HTML 83Page - Texas Instruments TUSB3200 Datasheet HTML 84Page - Texas Instruments TUSB3200 Datasheet HTML 85Page - Texas Instruments TUSB3200 Datasheet HTML 86Page - Texas Instruments TUSB3200 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
A–35
A.5.4.8 CODEC Port Interface Data Register (High Byte) (CPTDATH – Address FFD9h)
The CODEC port interface data register (high byte) contains the most significant byte of the 16-bit command or status
data value used for secondary communication between the TUSB3200 MCU and the CODEC device. This register
is not used for general-purpose mode or AIC mode since these modes only support an 8-bit data value for secondary
communication.
Bit
7
6
5
4
3
2
1
0
Mnemonic
D15
D14
D13
D12
D11
D10
D9
D8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
D(15:8)
Command/status data
The command/status data value is set by the MCU with the command data to be
transmitted to the CODEC device for write transactions. The command/status data
value is updated by hardware with the status data received from the CODEC device
for read transactions.
A.5.4.9 CODEC Port Interface Valid Time Slots Register (Low Byte) (CPTVSLL – Address FFD8h)
The CODEC port interface valid time slots register (low byte) contains the control bits used to specify which time slots
in the audio frame contain valid data. This register is only used in the AC ’97 modes of operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
VTSL8
VTSL9
VTSL10
VTSL11
VTSL12
Type
R/W
R/W
R/W
R/W
R/W
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:3
VTSL(8:12)
Valid time slot
The valid time slot bits are set to a 1 by the MCU to define which time slots in the
audio frame contain valid data. The MCU should clear to a 0 the bits corresponding
to time slots that do not contain valid data. Note that bits 7 to 3 of this register
correspond to time slots 8 to 12.
2:0
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com