Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB3200 Datasheet(PDF) 89 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 85Page - Texas Instruments TUSB3200 Datasheet HTML 86Page - Texas Instruments TUSB3200 Datasheet HTML 87Page - Texas Instruments TUSB3200 Datasheet HTML 88Page - Texas Instruments TUSB3200 Datasheet HTML 89Page - Texas Instruments TUSB3200 Datasheet HTML 90Page - Texas Instruments TUSB3200 Datasheet HTML 91Page - Texas Instruments TUSB3200 Datasheet HTML 92Page - Texas Instruments TUSB3200 Datasheet HTML 93Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
A–41
A.5.7.3 Interrupt Vector Register (VECINT – Address FFB2H)
The interrupt vector register contains a 6-bit vector value that identifies the interrupt source for the INT0 input to the
MCU. All of the TUSB3200 internal interrupt sources and the external interrupt input to the device are ORed together
to generate the internal INT0 signal to the MCU. When there is not an interrupt pending, the interrupt vector value
will be set to 24h. To clear any interrupt and update the interrupt vector value to the next pending interrupt, the MCU
should simply write any value to this register. The interrupt priority is fixed in order, ranging from vector value 1Fh with
the highest priority to vector value 00h with the lowest priority.
Bit
7
6
5
4
3
2
1
0
Mnemonic
IVEC5
IVEC4
IVEC3
IVEC2
IVEC1
IVEC0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
Reserved
Reserved for future use
6
Reserved
Reserved for future use
5:0
IVEC(5:0)
Interrupt vector
00h = USB out endpoint 0
01h = USB out endpoint 1
02h = USB out endpoint 2
03h = USB out endpoint 3
04h = USB out endpoint 4
05h = USB out endpoint 5
06h = USB out endpoint 6
07h = USB out endpoint 7
08h = USB in endpoint 0
09h = USB in endpoint 1
0Ah = USB in endpoint 2
0Bh = USB in edpoint 3
0Ch = USB in endpoint 4
0Dh = USB in endpoint 5
0Eh = USB in endpoint 6
0Fh = USB in endpoint 7
10h = USB setup stage transaction over-write
11h = Reserved
12h = USB setup stage transaction
13h = USB pseudo start-of-frame
14h = USB start-of-frame
15h = USB function resume
16h = USB function suspend
17h = USB function reset
18h = C-port receive data register full
19h = C-port transmit data register empty
1Ah = Reserved
1Bh = Reserved
1Ch = I2C receive data register full
1Dh = I2C transmit data register empty
1Eh = Reserved
1Fh = External interrupt input
20h – 23h = Reserved
24h = No interrupt pending
25h – 3Fh = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com