Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TUSB3200 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 33Page - Texas Instruments TUSB3200 Datasheet HTML 34Page - Texas Instruments TUSB3200 Datasheet HTML 35Page - Texas Instruments TUSB3200 Datasheet HTML 36Page - Texas Instruments TUSB3200 Datasheet HTML 37Page - Texas Instruments TUSB3200 Datasheet HTML 38Page - Texas Instruments TUSB3200 Datasheet HTML 39Page - Texas Instruments TUSB3200 Datasheet HTML 40Page - Texas Instruments TUSB3200 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
2–21
The I2S protocol does not provide for command/status data transfers. Therefore, when using the TUSB3200 device
with a CODEC that uses an I2S serial interface for audio data transfers, the TUSB3200 I2C serial interface can be
used for CODEC command/status data transfers.
In addition, the TUSB3200 CODEC port interface is very flexible. As a result, many variations of the serial interface
protocol can be configured including an SCLK-to-LRCK ratio of 32.
2.2.13.3.1 Mapping of DMA Time Slots to CODEC Port Interface Time Slots for I2S Modes
The I2S serial data format requires two time slots (left channel and right channel) for each serial data output or input.
As discussed in the previous section, the TUSB3200 can support multiple serial data outputs and/or inputs at the
same time in accordance with Table 2–5. Each of the serial data outputs and/or inputs has a unique left channel time
slot (slot number 0) and right channel time slot (slot number 1). For the I2S modes of operation, the DMA channel
time slot assignments must be mapped to the different left channel and right channel time slots for the serial data
outputs and inputs. Each DMA channel has fourteen time slot bits, which are time slot assignment bits 0 through 13.
Table 2–6 and 2–7 show the CODEC port interface time slot numbers and the corresponding time slot numbers for
the DMA channels.
As an example, suppose that CODEC port interface mode 4 is to be used with three serial data outputs and one serial
data input. The DMA channel to be programmed to support the three serial data outputs would need to have time
slot assignment bits 0, 1,2, 4, 5, and 6 set to a 1. The DMA channel to be programmed to support the serial data input
would need to have time slot assignment bits 0 and 4 set to a 1.
Table 2–6. SLOT Assignments for CODEC Port Interface I2S Mode (Output)
SERIAL DATA OUTPUT
CODEC PORT INTERFACE TIME SLOT NUMBER
DMA CHANNELS(s) TIME SLOT NUMBER
SERIAL DATA OUTPUT
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
SDOUT1
0
1
0
4
SDOUT2
0
1
1
5
SDOUT3
0
1
2
6
SDOUT4
0
1
3
7
Table 2–7. SLOT Assignments for CODEC Port Interface I2S Mode (Input)
SERIAL DATA INPUT
CODEC PORT INTERFACE TIME SLOT NUMBER
DMA CHANNELS(s) TIME SLOT NUMBER
SERIAL DATA INPUT
LEFT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
SDIN1
0
1
0
4
SDIN2
0
1
1
5
SDIN3
0
1
2
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com