Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 72Page - ATMEL Corporation ATmega48 Datasheet HTML 73Page - ATMEL Corporation ATmega48 Datasheet HTML 74Page - ATMEL Corporation ATmega48 Datasheet HTML 75Page - ATMEL Corporation ATmega48 Datasheet HTML 76Page - ATMEL Corporation ATmega48 Datasheet HTML 77Page - ATMEL Corporation ATmega48 Datasheet HTML 78Page - ATMEL Corporation ATmega48 Datasheet HTML 79Page - ATMEL Corporation ATmega48 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 340 page
background image
76
7530H–AVR–02/09
ATmega48/88/168 Automotive
Table 10-7 and Table 10-8 relate the alternate functions of Port C to the overriding signals
shown in Figure 10-5 on page 68.
Note:
1. When enabled, the 2-wire Serial Interface enables slew-rate controls on the output pins PC4
and PC5. This is not shown in the figure. In addition, spike filters are connected between the
AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 10-7.
Overriding Signals for Alternate Functions in PC6..PC4
(1)
Signal
Name
PC6/RESET/PCINT14
PC5/SCL/ADC5/PCINT13
PC4/SDA/ADC4/PCINT12
PUOE
RSTDISBL
TWEN
TWEN
PUOV
1
PORTC5 • PUD
PORTC4 • PUD
DDOE
RSTDISBL
TWEN
TWEN
DDOV
0
SCL_OUT
SDA_OUT
PVOE
0
TWEN
TWEN
PVOV
0
0
0
DIEOE
RSTDISBL + PCINT14 •
PCIE1
PCINT13 • PCIE1 + ADC5D
PCINT12 • PCIE1 + ADC4D
DIEOV
RSTDISBL
PCINT13 • PCIE1
PCINT12 • PCIE1
DI
PCINT14 INPUT
PCINT13 INPUT
PCINT12 INPUT
AIO
RESET INPUT
ADC5 INPUT / SCL INPUT
ADC4 INPUT / SDA INPUT
Table 10-8.
Overriding Signals for Alternate Functions in PC3..PC0
Signal
Name
PC3/ADC3/
PCINT11
PC2/ADC2/
PCINT10
PC1/ADC1/
PCINT9
PC0/ADC0/
PCINT8
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
00
00
PVOV
00
00
DIEOE
PCINT11 • PCIE1 +
ADC3D
PCINT10 • PCIE1 +
ADC2D
PCINT9 • PCIE1 +
ADC1D
PCINT8 • PCIE1 +
ADC0D
DIEOV
PCINT11 • PCIE1
PCINT10 • PCIE1
PCINT9 • PCIE1
PCINT8 • PCIE1
DI
PCINT11 INPUT
PCINT10 INPUT
PCINT9 INPUT
PCINT8 INPUT
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com