Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 49Page - ATMEL Corporation ATmega48 Datasheet HTML 50Page - ATMEL Corporation ATmega48 Datasheet HTML 51Page - ATMEL Corporation ATmega48 Datasheet HTML 52Page - ATMEL Corporation ATmega48 Datasheet HTML 53Page - ATMEL Corporation ATmega48 Datasheet HTML 54Page - ATMEL Corporation ATmega48 Datasheet HTML 55Page - ATMEL Corporation ATmega48 Datasheet HTML 56Page - ATMEL Corporation ATmega48 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 340 page
background image
53
7530H–AVR–02/09
ATmega48/88/168 Automotive
9.1
Interrupt Vectors in ATmega48
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega48 is:
Table 9-1.
Reset and Interrupt Vectors in ATmega48
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x000
RESET
External Pin, Power-on Reset, Brown-out Reset and Watchdog
System Reset
2
0x001
INT0
External Interrupt Request 0
3
0x002
INT1
External Interrupt Request 1
4
0x003
PCINT0
Pin Change Interrupt Request 0
5
0x004
PCINT1
Pin Change Interrupt Request 1
6
0x005
PCINT2
Pin Change Interrupt Request 2
7
0x006
WDT
Watchdog Time-out Interrupt
8
0x007
TIMER2
COMPA
Timer/Counter2 Compare Match A
9
0x008
TIMER2
COMPB
Timer/Counter2 Compare Match B
10
0x009
TIMER2 OVF
Timer/Counter2 Overflow
11
0x00A
TIMER1 CAPT
Timer/Counter1 Capture Event
12
0x00B
TIMER1
COMPA
Timer/Counter1 Compare Match A
13
0x00C
TIMER1
COMPB
Timer/Coutner1 Compare Match B
14
0x00D
TIMER1 OVF
Timer/Counter1 Overflow
15
0x00E
TIMER0
COMPA
Timer/Counter0 Compare Match A
16
0x00F
TIMER0
COMPB
Timer/Counter0 Compare Match B
17
0x010
TIMER0 OVF
Timer/Counter0 Overflow
18
0x011
SPI, STC
SPI Serial Transfer Complete
19
0x012
USART, RX
USART Rx Complete
20
0x013
USART, UDRE
USART, Data Register Empty
21
0x014
USART, TX
USART, Tx Complete
22
0x015
ADC
ADC Conversion Complete
23
0x016
EE READY
EEPROM Ready
24
0x017
ANALOG
COMP
Analog Comparator
25
0x018
TWI
2-wire Serial Interface
26
0x019
SPM READY
Store Program Memory Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com