Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 53Page - ATMEL Corporation ATmega48 Datasheet HTML 54Page - ATMEL Corporation ATmega48 Datasheet HTML 55Page - ATMEL Corporation ATmega48 Datasheet HTML 56Page - ATMEL Corporation ATmega48 Datasheet HTML 57Page - ATMEL Corporation ATmega48 Datasheet HTML 58Page - ATMEL Corporation ATmega48 Datasheet HTML 59Page - ATMEL Corporation ATmega48 Datasheet HTML 60Page - ATMEL Corporation ATmega48 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 340 page
background image
57
7530H–AVR–02/09
ATmega48/88/168 Automotive
...
...
...
...
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and the
IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typical and
general program setup for the Reset and Interrupt Vector Addresses in ATmega88 is:
Address Labels Code
Comments
0x000
RESET: ldi
r16,high(RAMEND); Main program start
0x001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x002
ldi
r16,low(RAMEND)
0x003
out
SPL,r16
0x004
sei
; Enable interrupts
0x005
<instr>
xxx
;
.org 0xC01
0xC01
rjmp
EXT_INT0
; IRQ0 Handler
0xC02
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0xC19
rjmp
SPM_RDY
; Store Program Memory Ready Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the most
typical and general program setup for the Reset and Interrupt Vector Addresses in ATmega88
is:
Address Labels Code
Comments
.org 0x001
0x001
rjmp
EXT_INT0
; IRQ0 Handler
0x002
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x019
rjmp
SPM_RDY
; Store Program Memory Ready Handler
;
.org 0xC00
0xC00
RESET: ldi
r16,high(RAMEND); Main program start
0xC01
out
SPH,r16
; Set Stack Pointer to top of RAM
0xC02
ldi
r16,low(RAMEND)
0xC03
out
SPL,r16
0xC04
sei
; Enable interrupts
0xC05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the IVSEL
bit in the MCUCR Register is set before any interrupts are enabled, the most typical and general
program setup for the Reset and Interrupt Vector Addresses in ATmega88 is:
Address Labels Code
Comments
;
.org 0xC00
0xC00
rjmp
RESET
; Reset handler
0xC01
rjmp
EXT_INT0
; IRQ0 Handler
0xC02
rjmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0xC19
rjmp
SPM_RDY
; Store Program Memory Ready Handler
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com