Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 75Page - ATMEL Corporation ATmega48 Datasheet HTML 76Page - ATMEL Corporation ATmega48 Datasheet HTML 77Page - ATMEL Corporation ATmega48 Datasheet HTML 78Page - ATMEL Corporation ATmega48 Datasheet HTML 79Page - ATMEL Corporation ATmega48 Datasheet HTML 80Page - ATMEL Corporation ATmega48 Datasheet HTML 81Page - ATMEL Corporation ATmega48 Datasheet HTML 82Page - ATMEL Corporation ATmega48 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 340 page
background image
79
7530H–AVR–02/09
ATmega48/88/168 Automotive
Table 10-10. Overriding Signals for Alternate Functions PD7..PD4
Signal
Name
PD7/AIN1
/PCINT23
PD6/AIN0/
OC0A/PCINT22
PD5/T1/OC0B/
PCINT21
PD4/XCK/
T0/PCINT20
PUOE
00
00
PUO
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
OC0A ENABLE
OC0B ENABLE
UMSEL
PVOV
0
OC0A
OC0B
XCK OUTPUT
DIEOE
PCINT23 • PCIE2
PCINT22 • PCIE2
PCINT21 • PCIE2
PCINT20 • PCIE2
DIEOV
1
1
1
1
DI
PCINT23 INPUT
PCINT22 INPUT
PCINT21 INPUT
T1 INPUT
PCINT20 INPUT
XCK INPUT
T0 INPUT
AIO
AIN1 INPUT
AIN0 INPUT
–
–
Table 10-11. Overriding Signals for Alternate Functions in PD3..PD0
Signal
Name
PD3/OC2B/INT1/
PCINT19
PD2/INT0/
PCINT18
PD1/TXD/
PCINT17
PD0/RXD/
PCINT16
PUOE
0
0
TXEN
RXEN
PUO
0
0
0
PORTD0 • PUD
DDOE
0
0
TXEN
RXEN
DDOV
0
0
1
0
PVOE
OC2B ENABLE
0
TXEN
0
PVOV
OC2B
0
TXD
0
DIEOE
INT1 ENABLE +
PCINT19 • PCIE2
INT0 ENABLE +
PCINT18 • PCIE1
PCINT17 • PCIE2
PCINT16 • PCIE2
DIEOV
1
1
1
1
DI
PCINT19 INPUT
INT1 INPUT
PCINT18 INPUT
INT0 INPUT
PCINT17 INPUT
PCINT16 INPUT
RXD
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com