Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 219Page - ATMEL Corporation ATmega48 Datasheet HTML 220Page - ATMEL Corporation ATmega48 Datasheet HTML 221Page - ATMEL Corporation ATmega48 Datasheet HTML 222Page - ATMEL Corporation ATmega48 Datasheet HTML 223Page - ATMEL Corporation ATmega48 Datasheet HTML 224Page - ATMEL Corporation ATmega48 Datasheet HTML 225Page - ATMEL Corporation ATmega48 Datasheet HTML 226Page - ATMEL Corporation ATmega48 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 340 page
background image
223
7530H–AVR–02/09
ATmega48/88/168 Automotive
After a repeated START condition (state 0x10) the 2-wire Serial Interface can access the same
Slave again, or a new Slave without transmitting a STOP condition. Repeated START enables
the Master to switch between Slaves, Master Transmitter mode and Master Receiver mode with-
out losing control over the bus.
Table 19-4.
Status codes for Master Receiver Mode
Status
Code
(TWSR)
Prescaler
Bits
are 0
Status of the 2-wire Se-
rial Bus and 2-wire Seri-
al Interface Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/from
TWDR
To TWCR
ST
A
ST
O
TWI
NT
TW
EA
0x08
A START condition has
been transmitted
Load SLA+R
0
0
1
X
SLA+R will be transmitted
ACK or NOT ACK will be received
0x10
A
repeated
START
condition
has
been
transmitted
Load SLA+R
or
Load SLA+W
0
0
0
0
1
1
X
X
SLA+R will be transmitted
ACK or NOT ACK will be received
SLA+W will be transmitted
Logic will switch to Master Transmitter
mode
0x38
Arbitration
lost
in
SLA+R or NOT ACK bit
No TWDR ac-
tion or
No TWDR ac-
tion
0
1
0
0
1
1
X
X
2-wire Serial Bus will be released and not
addressed Slave mode will be entered
A START condition will be transmitted
when the bus
becomes free
0x40
SLA+R has been trans-
mitted;
ACK has been received
No TWDR ac-
tion or
No TWDR ac-
tion
0
0
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will be
returned
0x48
SLA+R has been trans-
mitted;
NOT ACK has been re-
ceived
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
1
0
1
0
1
1
1
1
1
X
X
X
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset
0x50
Data byte has been re-
ceived;
ACK has been returned
Read
data
byte or
Read
data
byte
0
0
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will be
returned
0x58
Data byte has been re-
ceived;
NOT ACK has been re-
turned
Read
data
byte or
Read
data
byte or
Read
data
byte
1
0
1
0
1
1
1
1
1
X
X
X
Repeated START will be transmitted
STOP condition will be transmitted and
TWSTO Flag will be reset
STOP condition followed by a START con-
dition will be transmitted and TWSTO Flag
will be reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com