Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 226Page - ATMEL Corporation ATmega48 Datasheet HTML 227Page - ATMEL Corporation ATmega48 Datasheet HTML 228Page - ATMEL Corporation ATmega48 Datasheet HTML 229Page - ATMEL Corporation ATmega48 Datasheet HTML 230Page - ATMEL Corporation ATmega48 Datasheet HTML 231Page - ATMEL Corporation ATmega48 Datasheet HTML 232Page - ATMEL Corporation ATmega48 Datasheet HTML 233Page - ATMEL Corporation ATmega48 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 340 page
background image
230
7530H–AVR–02/09
ATmega48/88/168 Automotive
Table 19-6.
Status Codes for Slave Transmitter Mode
Status
Code
(TWSR)
Prescal-
er Bits
are 0
Status of the 2-wire Seri-
al Bus and 2-wire Serial
Interface Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/from
TWDR
To TWCR
ST
A
ST
O
TWI
NT
TW
EA
0xA8
Own SLA+R has been
received;
ACK has been returned
Load
data
byte or
Load
data
byte
X
X
0
0
1
1
0
1
Last data byte will be transmitted and
NOT ACK should be received
Data byte will be transmitted and ACK
should be received
0xB0
Arbitration
lost
in
SLA+R/W
as
Master;
own SLA+R has been
received; ACK has been
returned
Load
data
byte or
Load
data
byte
X
X
0
0
1
1
0
1
Last data byte will be transmitted and
NOT ACK should be received
Data byte will be transmitted and ACK
should be received
0xB8
Data byte in TWDR has
been
transmitted;
ACK
has
been
received
Load
data
byte or
Load
data
byte
X
X
0
0
1
1
0
1
Last data byte will be transmitted and
NOT ACK should be received
Data byte will be transmitted and ACK
should be received
0xC0
Data byte in TWDR has
been
transmitted; NOT ACK
has been
received
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
0
1
1
0
0
0
0
1
1
1
1
0
1
0
1
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA;
a START condition will be transmitted
when the bus
becomes free
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”;
a START condition will be transmitted
when the bus
becomes free
0xC8
Last data byte in TWDR
has
been
transmitted
(TWEA = “0”); ACK has
been received
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion or
No TWDR ac-
tion
0
0
1
1
0
0
0
0
1
1
1
1
0
1
0
1
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA;
a START condition will be transmitted
when the bus
becomes free
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”;
a START condition will be transmitted
when the bus
becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com