Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 258Page - ATMEL Corporation ATmega48 Datasheet HTML 259Page - ATMEL Corporation ATmega48 Datasheet HTML 260Page - ATMEL Corporation ATmega48 Datasheet HTML 261Page - ATMEL Corporation ATmega48 Datasheet HTML 262Page - ATMEL Corporation ATmega48 Datasheet HTML 263Page - ATMEL Corporation ATmega48 Datasheet HTML 264Page - ATMEL Corporation ATmega48 Datasheet HTML 265Page - ATMEL Corporation ATmega48 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 340 page
background image
262
7530H–AVR–02/09
ATmega48/88/168 Automotive
rcall
Do_spm
;
read back and check, optional
ldi
looplo, low(PAGESIZEB);init loop variable
ldi
loophi, high(PAGESIZEB);not required for PAGESIZEB<=256
subi
YL, low(PAGESIZEB)
;restore pointer
sbci
YH, high(PAGESIZEB)
Rdloop:
lpm
r0, Z+
ld
r1, Y+
cpse
r0, r1
rjmp
Error
sbiw
loophi:looplo, 1
;use subi for PAGESIZEB<=256
brne
Rdloop
;
return to RWW section
;
verify that RWW section is safe to read
Return:
in
temp1, SPMCSR
sbrs
temp1, RWWSB
; If RWWSB is set, the RWW section is
not ready yet
ret
;
re-enable the RWW section
ldi
spmcrval, (1<<RWWSRE) | (1<<SELFPRGEN)
rcall
Do_spm
rjmp
Return
Do_spm:
;
check for previous SPM complete
Wait_spm:
in
temp1, SPMCSR
sbrc
temp1, SELFPRGEN
rjmp
Wait_spm
;
input: spmcrval determines SPM action
;
disable interrupts if enabled, store status
in
temp2, SREG
cli
;
check that no EEPROM write access is present
Wait_ee:
sbic
EECR, EEPE
rjmp
Wait_ee
;
SPM timed sequence
out
SPMCSR, spmcrval
spm
;
restore SREG (to enable interrupts if originally enabled)
out
SREG, temp2
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com