Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 277 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 273Page - ATMEL Corporation ATmega48 Datasheet HTML 274Page - ATMEL Corporation ATmega48 Datasheet HTML 275Page - ATMEL Corporation ATmega48 Datasheet HTML 276Page - ATMEL Corporation ATmega48 Datasheet HTML 277Page - ATMEL Corporation ATmega48 Datasheet HTML 278Page - ATMEL Corporation ATmega48 Datasheet HTML 279Page - ATMEL Corporation ATmega48 Datasheet HTML 280Page - ATMEL Corporation ATmega48 Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 340 page
background image
277
7530H–AVR–02/09
ATmega48/88/168 Automotive
Note:
1. Z15:Z13: always ignored
Z0: should be zero for all SPM commands, byte select for the LPM instruction.
See “Addressing the Flash During Self-Programming” on page 269 for details about the use of
Z-pointer during Self-Programming.
24.7.14
ATmega168 Boot Loader Parameters
In Table 24-9 through Table 24-11, the parameters used in the description of the self program-
ming are given.
Note:
The different BOOTSZ Fuse configurations are shown in Figure 24-2.
For details about these two section, see “NRWW – No Read-While-Write Section” on page 264
and “RWW – Read-While-Write Section” on page 264
Table 24-9.
Boot Size Configuration, ATmega168
BOOTSZ1
BOOTSZ0
Boot
Size
Pages
Application
Flash
Section
Boot
Loader
Flash
Section
End
Application
Section
Boot Reset
Address
(Start Boot
Loader
Section)
11
128
words
2
0x0000 -
0x1F7F
0x1F80 -
0x1FFF
0x1F7F
0x1F80
10
256
words
4
0x0000 -
0x1EFF
0x1F00 -
0x1FFF
0x1EFF
0x1F00
01
512
words
8
0x0000 -
0x1DFF
0x1E00 -
0x1FFF
0x1DFF
0x1E00
00
1024
words
16
0x0000 -
0x1BFF
0x1C00 -
0x1FFF
0x1BFF
0x1C00
Table 24-10. Read-While-Write Limit, ATmega168
Section
Pages
Address
Read-While-Write section (RWW)
112
0x0000 - 0x1BFF
No Read-While-Write section (NRWW)
16
0x1C00 - 0x1FFF
Table 24-11. Explanation of Different Variables used in Figure 24-3 and the Mapping to the
Z-pointer, ATmega168
Variable
Corresponding
Z-value(1)
Description
PCMSB
12
Most significant bit in the Program Counter. (The
Program Counter is 12 bits PC[11:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com