Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 296 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 296 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 292Page - ATMEL Corporation ATmega48 Datasheet HTML 293Page - ATMEL Corporation ATmega48 Datasheet HTML 294Page - ATMEL Corporation ATmega48 Datasheet HTML 295Page - ATMEL Corporation ATmega48 Datasheet HTML 296Page - ATMEL Corporation ATmega48 Datasheet HTML 297Page - ATMEL Corporation ATmega48 Datasheet HTML 298Page - ATMEL Corporation ATmega48 Datasheet HTML 299Page - ATMEL Corporation ATmega48 Datasheet HTML 300Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 340 page
background image
296
7530H–AVR–02/09
ATmega48/88/168 Automotive
Figure 25-11. Serial Programming Waveforms
Table 25-17. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010
1100
0101
0011
xxxx
xxxx
xxxx
xxxx
Enable Serial Programming
after RESET goes low.
Chip Erase
1010
1100
100x
xxxx
xxxx
xxxx
xxxx
xxxx
Chip Erase EEPROM and
Flash.
Read Program
Memory
0010
H000
000a
aaaa
bbbb
bbbb
oooo
oooo
Read H (high or low) data o
from Program memory at
word address a:b.
Load Program
Memory Page
0100
H000
000x
xxxx
xxbb
bbbb
iiii
iiii
Write H (high or low) data i to
Program Memory page at
word address b. Data low
byte must be loaded before
Data high byte is applied
within the same address.
Write Program
Memory Page
0100
1100
000a
aaaa
bbxx
xxxx
xxxx
xxxx
Write Program Memory Page
at address a:b.
Read EEPROM
Memory
1010
0000
000x
xxaa
bbbb
bbbb
oooo
oooo
Read data o from EEPROM
memory at address a:b.
Write EEPROM
Memory
1100
0000
000x
xxaa
bbbb
bbbb
iiii
iiii
Write data i to EEPROM
memory at address a:b.
Load EEPROM
Memory Page (page
access)
1100
0001
0000
0000
0000
00bb
iiii
iiii
Load data i to EEPROM
memory page buffer. After
data is loaded, program
EEPROM page.
Write EEPROM
Memory Page (page
access)
1100
0010
00xx
xxaa
bbbb
bb00
xxxx
xxxx
Write EEPROM page at
address a:b.
Read Lock bits
0101
1000
0000
0000
xxxx
xxxx
xxoo
oooo
Read Lock bits. “0” =
programmed, “1” =
unprogrammed. See Table
25-1 on page 278 for details.
Write Lock bits
1010
1100
111x
xxxx
xxxx
xxxx
11ii
iiii
Write Lock bits. Set bits = “0”
to program Lock bits. See
Table 25-1 on page 278 for
details.
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
(SCK)
SERIAL DATA INPUT
(MOSI)
(MISO)
SAMPLE
SERIAL DATA OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com