Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 301 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 297Page - ATMEL Corporation ATmega48 Datasheet HTML 298Page - ATMEL Corporation ATmega48 Datasheet HTML 299Page - ATMEL Corporation ATmega48 Datasheet HTML 300Page - ATMEL Corporation ATmega48 Datasheet HTML 301Page - ATMEL Corporation ATmega48 Datasheet HTML 302Page - ATMEL Corporation ATmega48 Datasheet HTML 303Page - ATMEL Corporation ATmega48 Datasheet HTML 304Page - ATMEL Corporation ATmega48 Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 340 page
background image
301
7530H–AVR–02/09
ATmega48/88/168 Automotive
26.5
Maximum Speed vs. V
CC
Maximum frequency is dependent on V
CC. As shown in Figure 26-2, the Maximum Frequency vs.
V
CC curve is linear between 2.7V < VCC < 4.5V.
Figure 26-2. Maximum Frequency vs. V
CC, ATmega48/88/168
26.6
LIN Re-synchronization algorithm
26.7
Synchronization Algorithm
The possibility to change the value of OSCCAL during the Oscillator operation allows for in-situ
calibration of the slave node to entering Master frames. The principle of operation is to measure
the TBit during the SYNCH Byte and to change the calibration value of OSCCAL to recover from
local frequency drifts due to local voltage or temperature deviation. The algorithm used for the
synchronization of the internal RC oscillator is depicted in Figure 26-3
16 MHz
8 MHz
2.7V
4.5V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com