Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 306 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 306 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 302Page - ATMEL Corporation ATmega48 Datasheet HTML 303Page - ATMEL Corporation ATmega48 Datasheet HTML 304Page - ATMEL Corporation ATmega48 Datasheet HTML 305Page - ATMEL Corporation ATmega48 Datasheet HTML 306Page - ATMEL Corporation ATmega48 Datasheet HTML 307Page - ATMEL Corporation ATmega48 Datasheet HTML 308Page - ATMEL Corporation ATmega48 Datasheet HTML 309Page - ATMEL Corporation ATmega48 Datasheet HTML 310Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 340 page
background image
306
7530H–AVR–02/09
ATmega48/88/168 Automotive
Figure 27-3. SPI Interface Timing Requirements (Slave Mode)
27.2
ADC Characteristics
MISO
(Data Output)
SCK
(CPOL = 1)
MOSI
(Data Input)
SCK
(CPOL = 0)
SS
MSB
LSB
LSB
MSB
...
...
10
11
11
12
13
14
17
15
9
X
16
Table 27-3.
ADC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
10
Bits
Absolute accuracy (Including
INL, DNL, quantization error,
gain and offset error)
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
23.5
LSB
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
Noise Reduction Mode
23.5
LSB
Integral Non-Linearity (INL)
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.6
2.5
LSB
Differential Non-Linearity
(DNL)
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
0.30
1.0
LSB
Gain Error
VREF = 4V, VCC = 4V,
ADC clock = 200 kHz
-3.5
-1.3
3.5
LSB
Offset Error
V
REF = 4V, VCC = 4V,
ADC clock = 200 kHz
1.8
3.5
LSB
Conversion Time
Free Running Conversion
13 cycles
µs
Clock Frequency
50
200
kHz
AVCC
Analog Supply Voltage
VCC - 0.3
VCC + 0.3
V
VREF
Reference Voltage
1.0
AVCC
V
V
IN
Input Voltage
GND
V
REF
V
Input Bandwidth
38.5
kHz
VINT
Internal Voltage Reference
1.0
1.1
1.2
V
RREF
Reference Input Resistance
25.6
32
38.4
k
Ω
RAIN
Analog Input Resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com