Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 315 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 315 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 311Page - ATMEL Corporation ATmega48 Datasheet HTML 312Page - ATMEL Corporation ATmega48 Datasheet HTML 313Page - ATMEL Corporation ATmega48 Datasheet HTML 314Page - ATMEL Corporation ATmega48 Datasheet HTML 315Page - ATMEL Corporation ATmega48 Datasheet HTML 316Page - ATMEL Corporation ATmega48 Datasheet HTML 317Page - ATMEL Corporation ATmega48 Datasheet HTML 318Page - ATMEL Corporation ATmega48 Datasheet HTML 319Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 340 page
background image
315
7530H–AVR–02/09
ATmega48/88/168 Automotive
Figure 28-23. Calibrated 8 MHz RC Oscillator Frequency vs. OSCCAL Value (for
ATmega88-15AZ only)
28.1.6
BOD Thresholds and Analog Comparator Offset
Figure 28-24. BOD Threshold vs. Temperature (BODLEVEL is 4.0V)
CALIBRATED 8MHz RC OSCILLATOR FREQUENCY vs. OSCCAL VALUE
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
2
4
6
8
10
12
14
0
16
32
48
64
80
96
112
128
144
160
176
192
208
224
240
OSCCAL (X1)
BOD THRESHOLDS vs. TEMPERATURE
BOD setting = 4.30v
Rising VCC
Falling VCC
4
4.1
4.2
4.3
4.4
4.5
4.6
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
95
105
115
125
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com