Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATmega48 Datasheet(PDF) 325 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 325 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 321Page - ATMEL Corporation ATmega48 Datasheet HTML 322Page - ATMEL Corporation ATmega48 Datasheet HTML 323Page - ATMEL Corporation ATmega48 Datasheet HTML 324Page - ATMEL Corporation ATmega48 Datasheet HTML 325Page - ATMEL Corporation ATmega48 Datasheet HTML 326Page - ATMEL Corporation ATmega48 Datasheet HTML 327Page - ATMEL Corporation ATmega48 Datasheet HTML 328Page - ATMEL Corporation ATmega48 Datasheet HTML 329Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 340 page
background image
325
7530H–AVR–02/09
ATmega48/88/168 Automotive
31. Ordering Information
31.1
ATmega48
Note:
1. Green and ROHS packaging
2. See Figure 26-2 on page 301.
3. Tape and Reel with Dry-pack delivery
31.2
ATmega88
Note:
1. Green and ROHS packaging.
2. See Figure 26-2 on page 301.
3. Tape and Reel with Dry-pack deliver
31.3
ATmega168
Note:
1. Green and ROHS packaging
2. See Figure 26-2 on page 301
3. Tape and Reel with Dry-pack delivery
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
16(2)
2.7 - 5.5
ATmega48-15AT
ATmega48-15AT1
ATmega48-15AZ
MA
-40°C to +85°C
-40°C to +105°C
-40°C to +125°C
16(2)
2.7 - 5.5
ATmega48-15MT
ATmega48-15MT1
ATmega48-15MZ
PN
-40°C to 85°C
-40°C to +105°C
-40°C to 125°C
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
16(2)
2.7 - 5.5
ATmega88-15AT
ATmega88-15AT1
ATmega88-15AZ
MA
-40°C to +85°C
-40°C to +105°C
-40°C to +125°C
16(2)
2.7 - 5.5
ATmega88-15MT
ATmega88-15MT1
ATmega88-15MZ
PN
-40°C to 85°C
-40°C to +105°C
-40°C to 125°C
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
16(2)
2.7 - 5.5
ATmega168-15AT
ATmega168-15AT1
ATmega168-15AZ
MA
-40°C to 85°C
-40°C to +105°C
-40°C to 125°C
16(2)
2.7 - 5.5
ATmega168-15MT
ATmega168-15MT1
ATmega168-15MZ
PN
-40°C to 85°C
-40°C to +105°C
-40°C to 125°C
Package Information
MA
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
PN
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No Lead (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com