Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT49CU80 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT49CU80
Description  LCD Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CU80 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT49CU80 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
LVR disabled, fSYS=4MHz
2.2
¾
5.5
V
LVR disabled, fSYS=8MHz
3.3
¾
5.5
V
VLCD
LCD Power Supply (Note *)
¾
VA
£5.5V
2.2
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz,
UART Off
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz,
UART On
¾
1.5
3.0
mA
5V
¾
36
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz,
UART Off
¾
48
mA
IDD4
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=8MHz,
UART On
¾
510
mA
IDD5
Operating Current
(fSYS=RTC OSC)
3V
No load, UART Off
¾
0.3
0.6
mA
5V
¾
0.6
1
mA
ISTB1
Standby Current
(*fS=fSYS/4)
3V
No load, system HALT,
LCD Off at HALT, UART Off
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, C type,
UART Off
¾
2.5
5.0
mA
5V
¾
10
20
mA
ISTB3
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT
LCD On at HALT, C type,
UART Off
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/2 bias, UART Off
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=RTC OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/3 bias, UART Off
¾
13
25
mA
5V
¾
26
50
mA
ISTB6
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/2 bias, UART Off
¾
14
25
mA
5V
¾
28
50
mA
ISTB7
Standby Current
(*fS=WDT OSC)
3V
No load, system HALT,
LCD On at HALT, R type,
1/3 bias, UART Off
¾
10
20
mA
5V
¾
20
40
mA
HT49RU80/HT49CU80
Rev. 1.20
5
December 16, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com