Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT49CU80 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49CU80
Description  LCD Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CU80 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49CU80 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Pad Description
Pad Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
CMOS or NMOS
Pull-high
PA0/PA1 or BZ/BZ
PA3 or PFD
Bidirectional 8-bit input/output port. Each pin on this port can be configured
as a wake-up input by a configuration option. Configuration options deter-
mine whether pins PA0~PA3 are configured as CMOS outputs or NMOS in-
put/output pins. If PA0~PA3 are configured as NMOS input/output pins,
then pull-high options are available but apply to all 4 pins, not individual
pins. Pins PA4~PA7 are always configured as NMOS input/output pins with
pull-high resistors connected. All inputs are Schmitt Trigger types. Pins
PA0, PA1 and PA3 are pin-shared with BZ, BZ and PFD respectively, the
function of which is chosen via configuration options.
PB0/INT0
PB1/INT1
PB2/TMR0
PB3/TMR1
PB4/TMR2
PB5~PB7
I
¾
8-bit Schmitt Trigger input port. Each input pin is connected to an internal
pull-high resistor. Pins PB0 and PB1 are pin-shared with INT0 and INT1
respectively. Pins PB2, PB3 and PB4 are pin-shared with TMR0, TMR1
and TMR2 respectively.
PC0/TX
PC1/RX
PC2~PC7
I/O
CMOS or NMOS
Pull-high
Bidirectional 8-bit input/output port. Two configuration options determine
whether the four pins PC0~PC3 and the four pins PC4~PC7 are config-
ured as CMOS outputs or NMOS input/output pins. Pins must be config-
ured as CMOS outputs or NMOS input/output pins in blocks of four pins,
individual pins cannot be selected. If pins PC0~PC3 or PC4~PC7 are con-
figured as NMOS input/output pins, then a pull-high option is available for
each block of four pins. Individual pins cannot be selected to have a
pull-high option. All inputs are Schmitt Trigger types. Pins PC0 and PC1
are pin-shared with UART pins TX and RX respectively.
PD0/SEG40~
PD6/SEG46
O
CMOS Output
or SEG Output
7-bit output port. Each pin can be setup as either a CMOS output or a SEG
output via configuration options.
VLCD
I
¾
LCD power supply. This pad is implemented for LCD power only. The
VLCD levels can be greater or less than the VDD levels.
VMAX
¾¾
IC maximum voltage, connect to VDD, VLCD or V1.
V1, V2, C1, C2
I
¾
LCD voltage pump
COM0~COM2
COM3/SEG47
O
1/2, 1/3 or 1/4
Duty
The 1/4 LCD duty cycle configuration option will determine whether pin
COM3/SEG47 is configured as a SEG47 segment driver or as a common
COM3 output driver for the LCD panel. COM0~COM2 are the LCD com-
mon outputs.
SEG0~SEG39
O
¾
LCD driver outputs for LCD panel segments
OSC1
OSC2
I
O
Crystal or RC
OSC1 and OSC2 are connected to an external RC network or external
crystal (determined by configuration option) for the internal system clock.
For external RC system clock operation, OSC2 is an output pin for 1/4
system clock. If an RTC oscillator on pins OSC3 and OSC4 is used as a
system clock, then the OSC1 and OSC2 pins should be left floating.
OSC3
OSC4
I
O
RTC or
System Clock
OSC3 and OSC4 are connected to a 32768Hz crystal to form a Real Time
Clock for timing purposes or to form a system clock.
RES
I
¾
Schmitt Trigger reset input, active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
HT49RU80/HT49CU80
Rev. 1.20
4
December 16, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com