Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT49CU80 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49CU80
Description  LCD Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CU80 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49CU80 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
HT49RU80/HT49CU80
LCD Type 8-Bit MCU
Rev. 1.20
1
December 16, 2009
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 8 input lines and 7 output lines
· 16 bidirectional I/O lines
· Two external interrupt inputs
· One 8-bit and two 16-bit programmable timer/event
counters with PFD - programmable frequency divider
function
· LCD driver with 48´2, 48´3or47´4 segments
· 16K´16 program memory
· 576´8 data memory RAM
· Real Time Clock - RTC
· RTC 8-bit prescaler
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 16-level subroutine nesting
· UART - Universal Asynchronous Receiver
Transmitter
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
· 63 powerful instructions
· All instructions executed within 1 or 2 machine cycles
· Low voltage reset/detector functions
· 64-pin LQFP and 100-pin QFP packages
General Description
These devices are 8-bit, high performance, RISC archi-
tecture microcontrollers specifically designed for a wide
range of LCD applications. The mask version, the
HT49CU80, is fully pin and functionally compatible with
the OTP version HT49RU80 device.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, power-down and wake-up functions
and buzzer driver in addition to a flexible and
configurable LCD interface, enhance the versatility of
these devices to control a wide range of LCD-based ap-
plication possibilities such as measuring scales, elec-
tronic multimeters, gas meters, timers, calculators,
remote controllers and many other LCD-based indus-
trial and home appliance applications.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0017E Controlling the Read/Write Function of the HT24 Series EEPROM Using the HT49 Series MCUs
- HA0024E Using the RTC in the HT49 MCU Series
- HA0025E Using the Time Base in the HT49 MCU Series
- HA0026E Using the I/O Ports on the HT49 MCU Series
- HA0027E Using the Timer/Event Counter in the HT49 MCU Series


Similar Part No. - HT49CU80

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CU80 HOLTEK-HT49CU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results

Similar Description - HT49CU80

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
H49R50A-1 HOLTEK-H49R50A-1 Datasheet
318Kb / 45P
LCD Type 8-Bit MCU
November 29, 2005
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
LCD Type 8-Bit MCU
July 27, 2007
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
LCD Type 8-Bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com