Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT49CU80 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT49CU80
Description  LCD Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CU80 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT49CU80 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 33Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 34Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 35Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 36Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 37Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 38Page - Holtek Semiconductor Inc HT49CU80 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
HT49RU80/HT49CU80
Rev. 1.20
35
December 16, 2009
¨ Receiver interrupt
The read only receive interrupt flag RXIF in the USR
register is set by an edge generated by the receiver.
An interrupt is generated if RIE=1, when a word is
transferred from the Receive Shift Register, RSR, to
the Receive Data Register, RXR. An overrun error
can also generate an interrupt if RIE=1.
· Managing receiver errors
Several types of reception errors can occur within the
UART module, the following section describes the
various types and how they are managed by the
UART.
¨ Overrun Error
- OERR flag
The RXR register is composed of a two byte deep
FIFO data buffer, where two bytes can be held in the
FIFO register, while a third byte can continue to be
received. Before this third byte has been entirely
shifted in, the data should be read from the RXR
register. If this is not done, the overrun error flag
OERR will be consequently indicated.
In the event of an overrun error occurring, the fol-
lowing will happen:
- The OERR flag in the USR register will be set.
- The RXR contents will not be lost.
- The shift register will be overwritten.
- An interrupt will be generated if the RIE bit is set.
The OERR flag can be cleared by an access to the
USR register followed by a read to the RXR register.
¨ Noise Error
- NF Flag
Over-sampling is used for data recovery to identify
valid incoming data and noise. If noise is detected
within a frame the following will occur:
- The read only noise flag, NF, in the USR register
will be set on the rising edge of the RXIF bit.
- Data will be transferred from the Shift register to
the RXR register.
- No interrupt will be generated. However this bit
rises at the same time as the RXIF bit which itself
generates an interrupt.
Note that the NF flag is reset by a USR register read
operation followed by an RXR register read
operation.
¨ Framing Error
- FERR Flag
The read only framing error flag, FERR, in the USR
register, is set if a zero is detected instead of stop
bits. If two stop bits are selected, both stop bits must
be high, otherwise the FERR flag will be set. The
FERR flag is buffered along with the received data
and is cleared on any reset.
¨ Parity Error
- PERR Flag
The read only parity error flag, PERR, in the USR
register, is set if the parity of the received word is in-
correct. This error flag is only applicable if the parity
is enabled, PREN = 1, and if the parity type, odd or
even is selected. The read only PERR flag is buf-
fered along with the received data bytes. It is
cleared on any reset. It should be noted that the
FERR and PERR flags are buffered along with the
corresponding word and should be read before
reading the data word.
· UART interrupt scheme
The UART internal function possesses its own internal
interrupt and independent interrupt vector. Several in-
dividual UART conditions can generate an internal
UART interrupt. These conditions are, a transmitter
data register empty, transmitter idle, receiver data
available, receiver overrun, address detect and an RX
pin wake-up. When any of these conditions are cre-
ated, if the UART interrupt is enabled and the stack is
not full, the program will jump to the UART interrupt
vector where it can be serviced before returning to the
main program. Four of these conditions, have a corre-
sponding USR register flag, which will generate a
UART interrupt if its associated interrupt enable flag in
U S R R e g i s t e r
T r a n s m i t t e r E m p t y
F l a g T X I F
T r a n s m i t t e r I d l e
F l a g T I D L E
R e c e i v e r D a t a
A v a i l a b l e R X I F
R e c e i v e r O v e r r u n
F l a g O E R R
R X 7 i f B N O = 0
R X 8 i f B N O = 1
A D D E N
0
1
0
1
R X P i n
W a k e - u p
W A K E
0
1
U C R 2 R e g i s t e r
T E I E
T I I E
R I E
U A R T I n t e r r u p t
R e q u e s t F l a g
U R F
E U R I
I N T C 1
R e g i s t e r
E M I
I N T C 0
R e g i s t e r
U C R 2 R e g i s t e r
0
1
0
1
0
1
O R
UART Interrupt Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com