Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1109 Datasheet(PDF) 8 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 8 Page - ams AG

Back Button AS1109 Datasheet HTML 4Page - ams AG AS1109 Datasheet HTML 5Page - ams AG AS1109 Datasheet HTML 6Page - ams AG AS1109 Datasheet HTML 7Page - ams AG AS1109 Datasheet HTML 8Page - ams AG AS1109 Datasheet HTML 9Page - ams AG AS1109 Datasheet HTML 10Page - ams AG AS1109 Datasheet HTML 11Page - ams AG AS1109 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
8 - 26
AS1109
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1109 is designed to drive up to 8 LEDs through a fast serial interface and 8 constant-current output drivers. Fur-
thermore, the AS1109 provides diagnostics for detecting open- or shorted-LEDs, as well as over-temperature condi-
tions for LED display systems, especially LED traffic sign applications.
The AS1109 contains an 8-bit shift register and an 8-bit data register, which convert serial input data into parallel output
format. At AS1109 output stages, eight regulated current sinks are designed to provide uniform and constant current
with excellent matching between ports for driving LEDs within a wide range of forward voltage variations. External out-
put current is adjustable from 0.5 to 100mA using an external resistor for flexibility in controlling the brightness intensity
of LEDs. The AS1109 guarantees to endure 15V maximum at the outputs.
The serial interface is capable of operating at a minimum of 30 MHz, satisfying the requirements of high-volume data
transmission.
Using a multiplexed input/output technique, the AS1109 adds additional functionality to pins SDO, LD and OEN. These
pins provide highly useful functions (open- and shorted-LED detection, over-temperature detection), thus reducing pin
count. Over-temperature detection will work on-the-run, whereas the open- and shorted-LED detection can be used
on-the-run or in low-current diagnostic mode (see page 15).
Figure 9. Block Diagram
AS1109
REXT
OEN
CLK
SDI
LD
Current
Generators
Detailed
Error
Detection
8-Bit Data
Register
8-Bit Shift
Register
Temperature
Detection
8-Bit Open
Detection &
Error Register
8-Bit Short
Detection &
Error Register
Global
Error
Detection
SDO
Indicates 8 Bit Path
Control Logic
+VLED
OUTN0
OUTN1
OUTN2
OUTN3
OUTN4
OUTN5
OUTN6
OUTN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com