Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1109 Datasheet(PDF) 1 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 1 Page - ams AG

  AS1109 Datasheet HTML 1Page - ams AG AS1109 Datasheet HTML 2Page - ams AG AS1109 Datasheet HTML 3Page - ams AG AS1109 Datasheet HTML 4Page - ams AG AS1109 Datasheet HTML 5Page - ams AG AS1109 Datasheet HTML 6Page - ams AG AS1109 Datasheet HTML 7Page - ams AG AS1109 Datasheet HTML 8Page - ams AG AS1109 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AS1109
Consta nt-Current, 8-Bit LED Driver with Diagnostics
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.18
1 - 26
1 General Description
The AS1109 is designed to drive up to 8 LEDs through a
fast serial interface and features 8 output constant cur-
rent drivers and an on-chip diagnostic read-back func-
tion.
The high clock-frequency (up to 50MHz), adjustable out-
put current, and flexible serial interface makes the
device perfectly suited for high-volume transmission
applications.
Output current is adjustable (up to 100mA/channel)
using an external resistor (REXT).
The serial interface with Schmitt trigger inputs includes
an integrated shift register. Additionally, an internal data
register stores the currently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions.
Integrated registers store global fault status information
during load as well as the detailed temperature/open-
LED/shorted-LED diagnostics results.
The AS1109 also features a low-current diagnostic
mode to minimize display flicker during fault testing.
With an operating temperature range from -40 to
+125°C the AS1109 is also ideal for industrial applica-
tions.
The AS1109 is available in a 16-pin SOIC-150, a 16-pin
QFN (4x4mm) and the 16-pin SSOP-150 package.
Figure 1. Main Diagram and Pin Assignments
2 Key Features
!
8 Constant-Current Output Channels
!
Excellent Output Current Accuracy
- Between Channels: ±2%
- Between AS1109 Devices: ±2%
!
Output Current Per Channel: 0.5 to 100mA
!
Controlled In-Rush Current
!
Over-Temperature, Open-LED, Shorted-LED
Diagnostics Functions
!
Low-Current Test Mode
!
Global Fault Monitoring
!
Low Shutdown Mode Current: 3µA
!
Fast Serial Interface: up to 50MHz
!
Cascaded Configuration
!
Fast Output Drivers Suitable for PWM
!
16-pin SOIC-150, 16-pin QFN (4x4mm) and 16-pin
SSOP-150 Package
3 Applications
The device is ideal for fixed- or slow-rolling displays
using static or multiplexed LED matrix and dimming
functions, large LED matrix displays, mixed LED display
and switch monitoring, displays in elevators, public
transports (underground, trains, buses, taxis, airplanes,
etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph
displays, industrial controller displays, white good pan-
els, emergency light indicators, and traffic signs.
AS1109
SDI
SDO
CLK
LD
OEN
REXT
+VLED
1
GND
AS1109
16
VDD
2
SDI
3
CLK
4
LD
5
OUTN0
15 REXT
14 SDO
13 OEN
9 OUTN4
8
OUTN3
7
OUTN2
6
OUTN1
12 OUTN7
11 OUTN6
10 OUTN5
OUTN0 OUTN1 OUTN2 OUTN3 OUTN4 OUTN5 OUTN6 OUTN7
GND
VDD


Similar Part No. - AS1109

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109 Datasheet
53Kb / 1P
AS1109 Evaluation Board
AS1109 AMSCO-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams-OSRAM AG
AS1109 AMSOSRAM-AS1109 Datasheet
844Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
Revision 1.21
More results

Similar Description - AS1109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
8-Bit Constant Current LED Driver
logo
ams AG
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com