Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1109 Datasheet(PDF) 9 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 9 Page - ams AG

Back Button AS1109 Datasheet HTML 5Page - ams AG AS1109 Datasheet HTML 6Page - ams AG AS1109 Datasheet HTML 7Page - ams AG AS1109 Datasheet HTML 8Page - ams AG AS1109 Datasheet HTML 9Page - ams AG AS1109 Datasheet HTML 10Page - ams AG AS1109 Datasheet HTML 11Page - ams AG AS1109 Datasheet HTML 12Page - ams AG AS1109 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
9 - 26
AS1109
Data Sheet - D e t a i l e d D e s c r i p t i o n
Serial Interface
Data accesses are made serially via pins SDI and SDO. At each CLK rising edge, the signal present at pin SDI is
shifted into the first bit of the internal shift register and the other bits are shifted ahead of the first bit. The MSB is the
first bit to be clocked in. In error-detection mode the shift register will latch-in the corresponding error data of tempera-
ture-, open-, and short-error register with each falling edge of LD.
The 8-bit data register will latch the data of the shift register at each rising edge of LD. This data is then used to drive
the current generator output drivers to switch on the corresponding LEDs as OEN goes low.
Timing Diagrams
This section contains timing diagrams referenced in other sections of this data sheet.
Figure 10. Normal Mode Timing Diagram
Figure 11. Output Delay Timing Diagram
OEN
OUTNx
LD
SDO
SDI
CLK
tSU(L)
tH(L)
tW(L)
tW(CLK)
tP1
tH(D)
50%
50%
50%
50%
50%
50%
tSU(D)
OEN Low = Output Enabled
tP2
OUTNx High = Output Off
OUTNx Low = Output On
50%
50%
50%
tW(OE)
7XtSTAG
tP3
OEN
OUTN0
OUTN1
OUTN7
50%
50%
50%
50%
tOF
tOR
tSTAG
90%
90%
10%
10%
7XtSTAG
tSTAG
tP3
50%
50%
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com