Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1109 Datasheet(PDF) 4 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 4 Page - ams AG

  AS1109 Datasheet HTML 1Page - ams AG AS1109 Datasheet HTML 2Page - ams AG AS1109 Datasheet HTML 3Page - ams AG AS1109 Datasheet HTML 4Page - ams AG AS1109 Datasheet HTML 5Page - ams AG AS1109 Datasheet HTML 6Page - ams AG AS1109 Datasheet HTML 7Page - ams AG AS1109 Datasheet HTML 8Page - ams AG AS1109 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
4 - 26
AS1109
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 5 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to GND
0
7
V
Input Voltage
-0.4
VDD
+0.4
V
Output Voltage
-0.4
15
V
GND Pin Current
1000
mA
Thermal Resistance
ΘJA
83
ºC/W
on PCB, 16-pin SOIC-150 package
113
ºC/W
on PCB, 16-pin SSOP-150 package
32
ºC/W
on PCB, 16-pin QFN (4x4mm) package
Operating Temperature Range
-40
+85
ºC
Device fully functional up to 125°C
Storage Temperature
-55
150
ºC
Humidity
5
86
%
Non-condensing
Electrostatic
Discharge
Digital Outputs
2000
V
Norm: MIL 833 E method 3015
All Other Pins
2000
Latch-Up Immunity
-100 -
(INOM x 0.5)
+100 +
INOM
mA
EIA/JESD78
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).
* Min/max values are load dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com