Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0502 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0502
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0502 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCSH0502 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
01 of 14
SMT Low Profile
Power Inductors
TPSH SMT Low Profile Power Inductors
Token Low Profile Power Inductors Fit Into
To More Protable Applications (TPSH)
Preview
Like many components in the industry, power inductors are being impacted by the trend toward smaller
electronic devices with enhanced functionality requiring increased density of components on the board. Token
introduces low-profile, high-current inductor in case size. The TPSH series offers designers a high-current
solution using a larger part, without exceeding a profile of 1.2 mm on either side of the PC board.
The miniaturization of battery-powered devices also requires more compact circuit-board designs, and therefore
smaller but more-effective inductor designs. Token TPSH offers an inductance range from 1.0 μH to 1000.0 μH,
DCR from 0.009Ω to 19.110Ω, and IDC from 0.047A to 4.70A.
The TPSH inductor serves as a high-performing, space-saving and power-saving solution for low-profile,
high-current power supplies and point of load (POL) converters; distributed power systems; voltage regulator
module (VRM) and DC-to-DC converter applications in end products including next-generation mobile devices;
notebooks, desktop computers, personal multimedia devices, automotive systems, servers, graphic cards, portable
gaming devices, and personal navigation systems; and field-programmable gate arrays (FPGAs).
This wire-wound inductor handles high transient current spikes without hard saturation. Packaged in an
RoHS-compliant, 100 % lead (Pb)-free shielded, composite construction that reduces buzz noise to ultra-low
levels, the new device is specified for an operating temperature range of -25°C to +125°C, with high resistance
to mechanical shock, thermal shock, moisture, and vibration.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- Various high power inductors are superior to be high
saturation for surface mounting.
Applications :
- DC/DC converters, power supply for VCRS.
- OA equipment, digital camera, LCD, television set.
- Notebook, portable communication equipments.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCSH0502

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCSH2A LITTELFUSE-TCSH2A Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSH2B LITTELFUSE-TCSH2B Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSH5B LITTELFUSE-TCSH5B Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSHAA LITTELFUSE-TCSHAA Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSHAB LITTELFUSE-TCSHAB Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
More results

Similar Description - TCSH0502

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com