Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0502 Datasheet(PDF) 14 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0502
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0502 Datasheet(HTML) 14 Page - Token Electronics Industry Co., Ltd.

Back Button TCSH0502 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14 of 14
TPSH Low Profile Power Inductors
Version 2010
Part Number: TPSH0301, TPSH0302, TPSH0303
TPSH0501, TPSH0502, TPSH0503
TPSH0601, TPSH0602, TPSH0603
TPSH06015, TPSH06025
1R0
TPSH0301
Inductance
Code
Inductance
R78
0.78µH
1R0
1.00µH
120
12.00µH
220
22.00µH
How to Order
M
Tolerance
Code
Tolerance
M
20%
N
30%
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - SMT Low Profile Power Inductors (TPSH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com