Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0502 Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0502
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0502 Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button TCSH0502 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
TPSH06025 Low Profile Power Inductors
Version 2010
(TPSH06025) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH06025 - 1R0N
1.0
100
0.019
4.20
TPSH06025 - 1R5N
1.5
100
0.023
3.82
TPSH06025 - 1R8N
1.8
100
0.025
3.10
TPSH06025 - 2R2N
2.2
100
0.027
2.53
TPSH06025 - 3R3N
3.3
100
0.034
2.22
TPSH06025 - 3R9N
3.9
100
0.040
2.00
TPSH06025 - 4R7N
4.7
100
0.044
1.92
TPSH06025 - 5R6N
5.6
100
0.050
1.68
TPSH06025 - 6R8N
6.8
100
0.059
1.54
TPSH06025 - 8R2N
8.2
100
0.070
1.46
TPSH06025 - 100M
10
100
0.095
1.22
TPSH06025 - 120M
12
100
0.108
1.08
TPSH06025 - 150M
15
100
0.116
0.96
TPSH06025 - 180M
18
100
0.150
0.85
TPSH06025 - 220M
22
100
0.187
0.82
TPSH06025 - 270M
27
100
0.210
0.74
TPSH06025 - 330M
33
100
0.262
0.38
TPSH06025 - 390M
39
100
0.312
0.64
TPSH06025 - 470M
47
100
0.352
0.98
TPSH06025 - 560M
56
100
0.392
0.52
TPSH06025 - 680M
68
100
0.468
0.46
TPSH06025 - 820M
82
100
0.640
0.44
TPSH06025 - 101M
100
1
0.773
0.36
TPSH06025 - 121M
120
1
0.882
0.32
TPSH06025 - 151M
150
1
1.020
0.28
TPSH06025 - 181M
180
1
1.382
0.24
TPSH06025 - 221M
220
1
1.690
0.22
TPSH06025 - 271M
270
1
1.900
0.20
TPSH06025 - 331M
330
1
2.420
0.18
TPSH06025 - 391M
390
1
2.780
0.16
TPSH06025 - 471M
470
1
3.460
0.15
TPSH06025 - 561M
560
1
4.020
0.14
TPSH06025 - 681M
680
1
4.960
0.13
TPSH06025 - 821M
820
1
6.280
0.12
TPSH06025 - 102M
1000
1
7.820
0.10
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 1000µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com