Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCSH0502 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TCSH0502
Description  TPSH SMT Low Profile Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCSH0502 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TCSH0502 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCSH0502 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
04 of 14
TPSH0302 Low Profile Power Inductors
Version 2010
(TPSH0302) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH0302 - 1R0N
1.0
100
0.030
1.80
TPSH0302 - 1R2N
1.2
100
0.083
1.70
TPSH0302 - 1R5N
1.5
100
0.052
1.60
TPSH0302 - 1R8N
1.8
100
0.056
1.55
TPSH0302 - 2R2N
2.2
100
0.058
1.50
TPSH0302 - 2R7N
2.7
100
0.060
0.15
TPSH0302 - 3R3N
3.3
100
0.061
1.30
TPSH0302 - 4R7N
4.7
100
0.146
1.10
TPSH0302 - 5R6N
5.6
100
0.176
0.95
TPSH0302 - 6R8N
6.8
100
0.238
0.90
TPSH0302 - 8R2N
8.2
100
0.272
0.80
TPSH0302 - 100M
10
100
0.30
0.70
TPSH0302 - 120M
12
100
0.47
0.61
TPSH0302 - 150M
15
100
0.59
0.52
TPSH0302 - 220M
22
100
0.63
0.44
TPSH0302 - 330M
33
100
1.07
0.43
TPSH0302 - 470M
47
100
1.31
0.34
TPSH0302 - 680M
68
100
2.61
0.25
TPSH0302 - 820M
82
100
2.95
0.20
TPSH0302 - 101M
100
1
3.25
0.19
TPSH0302 - 151M
150
1
3.55
0.12
TPSH0302 - 331M
330
1
7.28
0.08
TPSH0302 - 681M
680
1
13.37
0.07
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 680µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com