Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340MDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 4 Page - Texas Instruments

  OPA340MDREP Datasheet HTML 1Page - Texas Instruments OPA340MDREP Datasheet HTML 2Page - Texas Instruments OPA340MDREP Datasheet HTML 3Page - Texas Instruments OPA340MDREP Datasheet HTML 4Page - Texas Instruments OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPA340-EP
OPA2340-EP
OPA4340-EP
SBOS433 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 2.7 V to 5 V (continued)
Over specified temperature range (TA = –55°C to 125°C), VS = 5 V, RL = 10 kΩ connected to VS/2, VOUT = VS/2 (unless
otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from rail(2)
RL = 100 kΩ, AOL ≥ 104 dB
1
10
mV
RL = 10 kΩ, AOL ≥ 98 dB
10
70
mV
RL = 2 kΩ, AOL ≥ 92 dB
40
250
mV
Short-circuit current
ISC
±50
mA
Capacitive load drive
CLOAD
See Typical Characteristics
POWER SUPPLY
Specified voltage range
VS
2.7
5
V
Operating voltage range
2.5 to 5.5
V
Quiescent current (per amplifier)
IQ IO = 0, VS = 5 V
TA = 25°C
750
950
µA
TA = Full range
1300
µA
TEMPERATURE RANGE
Specified range
–55
125
°C
Storage range
–55
125
°C
Thermal resistance
θ
JA
DBV (5 pin) package
200
°C/W
D (8 pin) package
150
°C/W
D (14 pin) package
100
°C/W
(2)
Output voltage swings are measured between the output and power supply rails.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com