Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340MDREP Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments OPA340MDREP Datasheet HTML 11Page - Texas Instruments OPA340MDREP Datasheet HTML 12Page - Texas Instruments OPA340MDREP Datasheet HTML 13Page - Texas Instruments OPA340MDREP Datasheet HTML 14Page - Texas Instruments OPA340MDREP Datasheet HTML 15Page - Texas Instruments OPA340MDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADS7816
12-BitA/D
DCLOCK
D
OUT
CS/SHDN
OPA340
+5V
V
IN
V+
2
+In
3
-
In
V
REF
8
4
GND
Serial
Interface
1
0.1mF
0.1mF
7
6
5
NOTE:A/DInput=0toV
REF
V
=0Vto5Vfor
IN
0Vto5Voutput.
RCnetworkfiltershighfrequencynoise.
500W
3300pF
ADS7816
12-BitA/D
DCLOCK
D
OUT
CS/SHDN
OPA340
+5V
V
IN
V+
2
+In
3
-In
V
REF
8
4
GND
Serial
Interface
1
0.1mF
0.1mF
7
6
5
NOTE:A/DInput=0toV
REF
5kW
5kW
330pF
V
=0Vto -5Vfor0Vto5Voutput.
IN
243kW
10MW
10MW
1.74MW
220pF
47pF
200pF
1/2
OPA2340
+5V
V
IN
R
L
1/2
OPA2340
Filters160Hzto2.4kHz
OPA340-EP
OPA2340-EP
OPA4340-EP
SBOS433 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
Figure 27. OPA340 in Noninverting Configuration Driving ADS7816
Figure 28. OPA340 in Inverting Configuration Driving ADS7816
Figure 29. Speech Bandpass Filter
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com