Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340MDREP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments OPA340MDREP Datasheet HTML 11Page - Texas Instruments OPA340MDREP Datasheet HTML 12Page - Texas Instruments OPA340MDREP Datasheet HTML 13Page - Texas Instruments OPA340MDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
V
BIAS1
V
BIAS2
V +
IN
V -
IN
ClassAB
Control
Circuitry
V
O
V-
(Ground)
V+
Reference
Current
5kW
OPAx340
10mAmax
V+
V
IN
V
OUT
I
OVERLOAD
RAIL-TO-RAIL OUTPUT
OPA340-EP
OPA2340-EP
OPA4340-EP
SBOS433 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
Figure 24. Simplified Schematic
Figure 25. Input Current Protection for Voltages Exceeding the Supply Voltage
moderate resistive loads (2 k
Ω to 50 kΩ), the output
can swing to within a few tens of millivolts from the
supply rails and maintain high open-loop gain. See
A class AB output stage
with
common-source
the typical characteristic curve Output Voltage Swing
transistors is used to achieve rail-to-rail output. For
vs Output Current.
light resistive loads (> 50 k
Ω), the output voltage is
typically a few millivolts from the supply rails. With
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com