Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPA340MDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA340MDREP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA340MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA340MDREP Datasheet HTML 4Page - Texas Instruments OPA340MDREP Datasheet HTML 5Page - Texas Instruments OPA340MDREP Datasheet HTML 6Page - Texas Instruments OPA340MDREP Datasheet HTML 7Page - Texas Instruments OPA340MDREP Datasheet HTML 8Page - Texas Instruments OPA340MDREP Datasheet HTML 9Page - Texas Instruments OPA340MDREP Datasheet HTML 10Page - Texas Instruments OPA340MDREP Datasheet HTML 11Page - Texas Instruments OPA340MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1ms/div
1ms/div
10k
1000
LoadCapacitance(pF)
100
60
50
40
30
20
10
0
G=+1
G= 1
-
G= 5
-
Seetextfor
reducingovershoot.
G=+5
100
10
1
0.1
Closed-LoopGain(V/V)
1
10
100
1000
0.1%
0.01%
OPA340-EP
OPA2340-EP
OPA4340-EP
SBOS433 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2 (unless otherwise noted)
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
CL = 100pF
CL = 100pF
Figure 19.
Figure 20.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
SETTLING TIME vs CLOSED-LOOP GAIN
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com