Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE610 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 10Page - STMicroelectronics STMPE610 Datasheet HTML 11Page - STMicroelectronics STMPE610 Datasheet HTML 12Page - STMicroelectronics STMPE610 Datasheet HTML 13Page - STMicroelectronics STMPE610 Datasheet HTML 14Page - STMicroelectronics STMPE610 Datasheet HTML 15Page - STMicroelectronics STMPE610 Datasheet HTML 16Page - STMicroelectronics STMPE610 Datasheet HTML 17Page - STMicroelectronics STMPE610 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
SPI interface
STMPE610
14/56
Doc ID 15432 Rev 3
5.2.1
SPI timing definition
Table 10.
SPI timing specification
Symbol
Description
Timing
Unit
Min
Typ
Max
tCSS
CS_n falling to
first capture
clock
1
−−
µs
tCL
Clock low
period
500
−−
ns
tCH
Clock high
period
500
−−
ns
tLDI
Launch clock
to MOSI data
valid
−−
20
ns
tLDO
Launch clock
to MISO data
valid
−−
330
µs
tDI
Data on MOSI
valid
1
−−
µs
tCCS
Last clock
edge to CS_n
high
1
−−
µs
tCSH
CS_n high
period
2
−−
µs
tCSCL
CS_n high to
first clock edge
300
−−
ns
tCSZ
CS_n high to
tri-state on
MISO
1
−−
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com