Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE610 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 24Page - STMicroelectronics STMPE610 Datasheet HTML 25Page - STMicroelectronics STMPE610 Datasheet HTML 26Page - STMicroelectronics STMPE610 Datasheet HTML 27Page - STMicroelectronics STMPE610 Datasheet HTML 28Page - STMicroelectronics STMPE610 Datasheet HTML 29Page - STMicroelectronics STMPE610 Datasheet HTML 30Page - STMicroelectronics STMPE610 Datasheet HTML 31Page - STMicroelectronics STMPE610 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Touchscreen controller
STMPE610
28/56
Doc ID 15432 Rev 3
10
Touchscreen controller
The STMPE610 is integrated with a hard-wired touchscreen controller for 4-wire resistive
type touchscreen. The touchscreen controller is able to operate completely autonomously,
and will interrupt the connected CPU only when a pre-defined event occurs.
Figure 9.
Touchscreen controller block diagram
10.1
Driver and switch control unit
The driver and switch control unit allows coordination of the ADC and the MUX/switch. With
the coordination of this unit, a stream of data is produced at a selected frequency.
The touchscreen drivers can be configured with 2 current ratings: 20 mA or 50 mA. In the
case where multiple touch-down on the screen is causing a short, the current from the driver
is limited to these values. Tolerance of these current setting is +/- 25%.
Movement tracking
The "Tracking Index" in the TSC_CTRL register specifies a value, which determines the
distance between the current touch position and the previous touch position. If the distance
is shorter than the tracking index, it is discarded.
The tracking is calculated by summation of the horizontal and vertical movement. Movement
is only reported if:
(Current X - Previously Reported X) + (Current Y - Previously Reported Y) > Tracking Index
If pressure reporting is enabled (X/Y/Z), an increase in pressure will override the movement
tracking and report the new data set, even if X/Y is within the previous tracking index. This is
to ensure that a slow touch will not be discarded.
If pressure data is not used, select X/Y mode in touchscreen data acquisition. (Opmode field
in TSCControl register).
s
Movement
&
window tracking
10/12 bit
ADC
Switch
&
drivers
Driver
&
switch control
FIFO
&
interrupt control
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com